Selected language     English  ▼


MAX2320EUP Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 12 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
12
______________________________________________________________________________________
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
PCS-BAND HGHL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
PCS-BAND HGLL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO
-25
-20
-10
-15
-5
0
CELLULAR-BAND LO BUFFER
OUTPUT LEVEL vs. INPUT LEVEL
LO INPUT LEVEL (dBm)
-20
0
-10
10
TA = -45
°C TO +85°C HIGH SIDE
AND LOW SIDE LO
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
-70
-50
-60
-30
-40
-10
-20
0
-20
-10
0
10
CELLULAR-BAND 2ND AND 3RD
HARMONICS vs. LO INPUT POWER
LO INPUT LEVEL (dB)
2ND HARMONIC
3RD HARMONIC
fLO = 1091MHz
-25
-20
-10
-15
-5
0
PCS-BAND LO BUFFER
OUTPUT LEVEL vs. INPUT LEVEL
LO INPUT LEVEL (dBm)
-20
0
-10
10
TA = -45
°C TO +85°C
HIGH SIDE AND LOW
SIDE LO
-70
-50
-60
-30
-40
-10
-20
0
-20
-10
0
10
PCS-BAND 2ND AND 3RD HARMONICS
LO BUFFER OUTPUT vs. INPUT LEVEL
LO INPUT LEVEL (dB)
2ND HARMONIC
3RD HARMONIC
fLO = 1750MHz
-75
-69
-71
-73
-67
-65
-63
-61
-59
-57
-55
80
90
100
110
120
PCS-BAND MIXER
2 x 2 SPURIOUS REJECTION
IF OUTPUT FREQUENCY (MHz)
HGLL, WITHOUT LO DOUBLER
HGHL, WITHOUT LO DOUBLER




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl