Selected language     English  â–¼


MAX2320EUP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 16 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
16
______________________________________________________________________________________
MAX2322 Operation
The MAX2322 is a lower-cost PCS-only version that can
be installed as a drop-in replacement for the dual-band
versions. It consists of a PCS LNA, PCS mixer, pin-
selectable LO frequency doubler, and LO buffer. Logic
input SHDN = VCC / GND turns on/off the entire IC
except the LO buffer. The LOX2 logic input controls the
LO frequency doubler. LOX2 = GND disables the dou-
bler when using a PCS band VCO, and LOX2 = VCC
activates the doubler when using a cellular-band VCO.
GAIN and LIN logic inputs control the MAX2322’s three
operational modes, as summarized in Table 2.
MAX2324 Operation
The MAX2324 is a lower-cost cellular-only version that
can be installed as a drop-in replacement for the dual-
band versions. It consists of a cellular LNA, cellular dig-
ital mixer, cellular FM mixer, and LO buffer. A SHDN
logic input turns on/off the entire IC except the LO
buffer. GAIN and LIN logic inputs control the
MAX2324’s three operational modes, as summarized in
Table 3.
MAX2327 Operation
The MAX2327 is similar to the MAX2320 except it only
features an HGLL mode, and either LO output buffer is
selectable during shutdown. It consists of PCS and cel-
lular LNAs; PCS, cellular digital, and cellular FM mixers;
and PCS and cellular LO buffers. A SHDN logic input
turns on/off the entire IC except the LO buffer. BAND
and MODE logic inputs control the MAX2327’s three
operational modes, as summarized in Table 4.
Applications Information
Cascaded LNA/Mixer Performance
The LNA and mixer design aims at optimizing cascad-
ed performance in all gain and linearity modes. In high-
gain, high-linearity mode, both the LNA and mixer have
a low noise figure, high gain, and high linearity. The
LNA has high gain to minimize the noise contribution of
the mixer, thus increasing the receiver’s sensitivity and
extra-high linearity for superior cross-modulation sup-
pression. The HGLL mode is used when the transmitter
is off and cross-modulation is not a concern. In low-
gain, high-linearity mode, the received signal is strong
enough that linearity is the primary concern. The LNA
gain is reduced for higher system linearity. Tables 5
and 6 summarize the cascaded performance.
S Parameters
The S parameters are listed in Tables 7–11. An electron-
ic copy is also available at www.maxim-ic.com
/MAX2320/S_table/.
Table 2. MAX2322 Operational Modes
Table 4. MAX2327 Operational Modes
OPERATIONAL MODE
Not used.
Digital PCS Mode. The LNA and mixer
are in HGLL mode.
FM Mode. The cellular FM mixer is
selected.
Digital Cellular Mode. The cellular digi-
tal mixer is selected.
BAND
L
L
H
H
MODE
L
H
L
H
OPERATIONAL MODE
FM Mode. The LNA is in HGLL mode.
The FM mixer and the associated LO
buffer are selected.
Low-Gain, High-Linearity (LGHL)
Cellular Mode. The LNA and digital
mixer are in LGHL mode.
High-Gain, Low-Linearity (HGLL )
Cellular Mode. The LNA and digital
mixer are in HGLL mode.
High-Gain, High-Linearity (HGHL )
Cellular Mode. The LNA and digital
mixer are in HGHL mode.
GAIN
L
L
H
H
LIN
L
H
L
H
OPERATIONAL MODE
Not used.
Low-Gain, High-Linearity (LGHL) PCS
Mode. The LNA and mixer are in LGHL
mode.
High-Gain, Low-Linearity (HGLL) PCS
Mode. The LNA and mixer are in HGLL
mode.
High-Gain, High-Linearity (HGHL) PCS
Mode. The LNA and mixer are in HGHL
mode.
GAIN
L
L
H
H
LIN
L
H
L
H
Note: L = Logic Low; H = Logic High
Note: L = Logic Low; H = Logic High
Note: L = Logic Low; H = Logic High
Table 3. MAX2324 Operational Modes




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl