Selected language     English  ā–¼


MAX2320EUP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 17 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
17
Layout Considerations
Keep RF signal lines as short as possible to minimize
losses and radiation. Use high-Q components for the LNA
input matching circuit to achieve the lowest possible
noise figure. At the digital mixer outputs, keep the differ-
ential signal lines together and of equal length to ensure
signal balance. For best gain and noise performance, sol-
der the slug evenly to the board ground plane.
Table 5. Typical Cascaded Performance of Cellular-Band Receiver with 3dB Interstage
Filter Loss
Table 6. Typical Cascaded Performance of PCS-Band Receiver with 3dB Interstage
Filter Loss
PARAMETER
Conversion Power Gain
Noise Figure
Third-Order Input Intercept
HIGH GAIN,
HIGH LINEARITY
25.4dB
2.1dB
-8.9dBm
HIGH GAIN,
LOW LINEARITY
24.5dB
2.3dB
-10.6dBm
LOW GAIN,
HIGH LINEARITY
8.9dB
11.8dB
-6.8dBm
FM
22.7dB
3.3dB
-6.8dBm
-9.3dBm
-7.6dBm
7.1dBm
Third-Order Input Intercept
3.0dB
2.6dB
12.4dB
Noise Figure
PARAMETER
22.5dB
HIGH GAIN,
LOW LINEARITY
24dB
7.5dB
Conversion Power Gain
HIGH GAIN,
HIGH LINEARITY
LOW GAIN
Table 7. Cellular LNA S Parameters in High-Gain, High-Linearity Mode
0.109
59.1
0.669
-40.8
0.496
1000
-90.6
3.3
74.9
0.104
58.3
0.674
-39.3
0.503
950
-88.5
3.5
76.6
0.099
58.8
0.677
-38.3
0.51
900
-86.1
3.7
79.4
0.096
60.1
0.683
-37.6
0.52
850
-83.7
3.88
81.9
0.0908
60
0.689
0.089
60.6
-36.6
0.696
-35.9
0.714
S22
(mag)
-34.7
0.085
S12
(mag)
60.9
S22
(phase)
S12
(phase)
0.534
800
-81.2
4.13
0.548
750
-78.4
84.4
4.39
87.9
4.63
S21
(mag)
92.1
0.579
S11
(mag)
700
-74.8
S21
(phase)
FREQUENCY
(MHz)
S11
(phase)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl