Selected language     English  ā–¼


MAX2320EUP Datasheet(PDF) 18 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 18 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
18
______________________________________________________________________________________
Table 9. Cellular Mixer S11 in High-Gain,
High-Linearity Mode
Table 8. PCS LNA S Parameters in High-Gain, High-Linearity Mode
0.158
100
0.769
-71
0.614
2500
-113
3.78
74
0.126
99
0.754
-69
0.571
2450
-113
3.79
73
0.106
93
0.739
-67
0.55
2400
-113
3.9
75
0.1
86
0.727
-66
0.54
2350
-112
3.88
78
0.099
82
0.705
-64
0.525
2300
-110
3.83
81
0.094
79
0.683
-63
0.503
2250
-107
3.67
82
0.093
73
0.677
-64
0.467
2200
-104
3.56
81
0.101
71
0.695
0.103
74
-63
0.7
-61
0.69
-59
0.098
76
0.405
2150
-106
3.68
0.391
2100
-112
79
3.82
81
3.82
83
0.407
2050
-115
0.094
76
0.681
-58
0.423
2000
-116
3.85
83
0.09
75
0.673
-57
0.43
1950
-115
3.82
84
0.093
72
0.68
-55
0.434
1900
-114
3.9
82
0.09
77
0.657
-53
0.439
1850
-113
4.23
84
0.086
76
0.643
0.082
77
-52
0.64
-52
0.64
S22
(mag)
-51
0.077
S12
(mag)
77
S22
(phase)
S12
(phase)
0.44
1800
-113
4.18
0.446
1750
-113
88
4.07
88
4.22
S21
(mag)
86
0.46
S11
(mag)
1700
-112
S21
(phase)
FREQUENCY
(MHz)
S11
(phase)
0.842
1000
-48.5
0.842
950
-46.3
0.843
900
-44.1
0.844
850
-42.2
0.846
800
-40.2
0.849
750
-38
0.853
S11
(mag)
700
-35.8
FREQUENCY
(MHz)
S11
(phase)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl