Selected language     English  ▼


MAX2320EUP Datasheet(PDF) 22 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 22 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
22
______________________________________________________________________________________
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
12
11
R2
51
R3
2k
R1
20k
BUFFERED
LO OUTPUT
VCC
VCC
C5
100pF
C6
22pF
C11
3.3pF
C13
1.5pF
C14
6800pF
C16
1pF
C4
100pF
1.65nH
1pF
PCS DUPLEXER
PCS OR
CELLULAR
LO
C10
3.3pF
C8
1000pF
C12
0.01
µF
L4
110nH
L5
110nH
LOGIC
INPUT
LOGIC
INPUT
TO VGA
210MHz
1930MHz–1990MHz
R4
20k
VCC
9
10
MAX2322
LNAINH
RLNA
N.C.
LNAOUTH
GAIN
LIN
SHDN
N.C.
LOHIN
N.C.
MIXINH
L6
5.6nH
L1
1.8nH
N.C.
RBIAS
CDMA+
CDMA-
BUFFEN
VCC
LOX2
N.C.
LOHOUT
x2
MAX2322
(PCS BAND, SINGLE MODE WITH OPTIONAL FREQUENCY DOUBLER)
NOTE: THE MAX2322 IS RECOMMENDED FOR PCS
SINGLE-BAND PHONES.
6800pF
C1
100pF
VCC
R11
30
Typical Application Circuits (continued)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl