Selected language     English  ▼


MAX2320EUP Datasheet(PDF) 23 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 23 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
23
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
12
11
R6
7.5k
R4
2k
R1
20k
BUFFERED
LO OUTPUT
VCC
VCC
C4
100pF
C6
100pF
C11
8.2pF
C3
100pF
LOGIC OUTPUT
CELLULAR
LO
CELLULAR
DUPLEXER
3.3pF
6800pF
C15
2.7pF
C14
6800pF
C10
8.2pF
C8
4.7pF
C8
1000pF
C12
0.01
µF
C9
1000pF
L3
560nH
L4
270nH
L5
270nH
LOGIC
INPUT
FM
TO VGA
85MHz
85MHz
869MHz–894MHz
TO VGA
R3
51
R5
20k
VCC
9
10
MAX2324
MODEOUT
RLNA
LNAOUTL
N.C.
GAIN
LIN
SHDN
LNAINL
N.C.
LOLIN
N.C.
L1
6.8nH
3.85nH
MIXINL
RBIAS
CDMA+
CDMA-
BUFFEN
VCC
FMOUT
LOLOUT
N.C.
MAX2324
(CELLULAR BAND, DUAL IF OUTPUTS)
NOTE: THE MAX2324 IS RECOMMENDED
FOR DUAL-MODE (CDMA/FM) PHONES IN
THE CELLULAR BAND.
4.7nH
C1
100pF
VCC
R11
30
Typical Application Circuits (continued)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl