Electronic Components Datasheet Search
Selected language     English  ▼


MAX2320EUP Datasheet(PDF) 24 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 24 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
24
______________________________________________________________________________________
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
11
R6
7.5k
R4
2k
R1
20k
BUFFERED
LO OUTPUTS
VCC
C5
100pF
C6
22pF
C7
100pF
C12
3.9pF
C14
1.5pF
C15
6800pF
C18
1pF
C2
100pF
C3
100pF
C4
22pF
1.65nH
1pF
PCS DUPLEXER
DIPLEXER
AMPS
LO
PCS
LO
CELLULAR
DUPLEXER
3.3pF
6800pF
C19
2.7pF
C17
6800pF
C11
3.9pF
C8
2.2pF
C10
1000pF
C13
0.01
µF
C9
1000pF
L3
270nH
L4
120nH
L5
120nH
LOGIC
INPUT
FM
TO VGA
184MHz
184MHz
869MHz–894MHz
1930MHz–1990MHz
TO VGA
R5
20k
VCC
VCC
R2
51
R3
51
9
10
MAX2326
LNAINH
RLNA
LNAOUTL
LNAOUTH
GAIN
LIN
BAND
LNAINL
LOHIN
LOLIN
MIXINH
L6
5.6nH
L1
1.8nH
L2
6.8nH
3.85nH
MIXINL
RBIAS
CDMA+
CDMA-
BUFFEN
VCC
FMOUT
LOLOUT
LOHOUT
/2
MAX2326
(DUAL BAND, DUAL VCO INPUTS, AND DUAL IF OUTPUTS WITH LO DIVIDER)
NOTE: THE MAX2326 IS RECOMMENDED FOR
DUAL-BAND, TRIPLE-MODE PHONES.
KEY FEATURES: TWO LO INPUT/OUTPUT PORTS
FOR SEPARATE VCOs, A FREQUENCY DIVIDER
TO ALLOW THE USE OF A PCS VCO FOR BOTH
BANDS.
/2
6800pF
4.7nH
C1
100pF
VCC
R11
30
Typical Application Circuits (continued)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl