Selected language     English  ā–¼


MAX2320EUP Datasheet(PDF) 26 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 26 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
26
______________________________________________________________________________________
Pin Configurations (continued)
Chip Information
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
MIXINH
N.C.
RBIAS
CDMA+
LNAINH
RLNA
N.C.
LNAOUTH
TOP VIEW
CDMA-
BUFFEN
VCC
LOX2
GAIN
LIN
SHDN
N.C.
12
11
9
10
N.C.
LOHOUT
LOHIN
N.C.
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
N.C.
MIXINL
RBIAS
CDMA+
MODEOUT
RLNA
LNAOUTL
N.C.
CDMA-
BUFFEN
VCC
FMOUT
GAIN
LIN
SHDN
LNAINL
12
11
9
10
LOLOUT
N.C.
N.C.
LOLIN
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
MIXINH
MIXINL
RBIAS
IFOUT+
LNAINH
N.C.
LNAOUTL
LNAOUTH
IFOUT-
BUFFEN
VCC
FMOUT
MODE
SHDN
BAND
LNAINL
12
11
9
10
LOLOUT
LOHOUT
LOHIN
LOLIN
TSSOP
MAX2322
MAX2324
MAX2327
TRANSISTOR COUNT: 1315




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl