Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5067 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N5067
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N5067 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N5067_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5067_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5067_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2N5067 2N5068 2N5069
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5067
40
2N5068
60
VCEO
Collector-emitter
sustaining voltage
2N5069
IC=0.2A ;IB=0
80
V
VCEsat-1
Collector-emitter saturation voltage
IC=1A; IB=0.1A
0.4
V
VCEsat-2
Collector-emitter saturation voltage
IC=5A ;IB=1A
1.5
V
VBE
Base-emitter on voltage
IC=1A ; VCE=2V
1.2
V
ICEO
Collector cut-off current
VCE=Rated VCEO; IB=0
1.0
mA
ICBO
Collector cut-off current
VCB=Rated VCBO; IE=0
0.1
mA
ICEX
Collector cut-off current
VCE= Rated VCEO; VBE(off)=1.5V
TC=150℃
1.0
2.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1A ; VCE=2V
20
80
hFE-2
DC current gain
IC=5A ; VCE=2V
7
fT
Transition frequency
IC=1A ; VCE=10V
4
MHz


Similar Part No. - 2N5067_15

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5067 MOSPEC-2N5067 Datasheet
171Kb / 4P
   POWER TRANSISTORS(5.0A,87.5W)
logo
Boca Semiconductor Corp...
2N5067 BOCA-2N5067 Datasheet
175Kb / 4P
   COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N5067 ETC-2N5067 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N5067 ISC-2N5067 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2N5067 SAVANTIC-2N5067 Datasheet
113Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N5067_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com