Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2326EUP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2326EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2326EUP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2326EUP Datasheet HTML 1Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 2Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 3Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 4Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 5Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 6Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 7Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 8Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
General Description
The MAX2320/MAX2321/MAX2322/MAX2324/MAX2326/
MAX2327 high-performance silicon germanium (SiGe)
receiver front-end ICs set a new industry standard for
low noise and high linearity at a low supply current. This
family integrates a variety of unique features such as an
LO frequency doubler and divider, dual low-noise
amplifier (LNA) gain settings, and a low-current paging
mode that extends the handset standby time.
The MAX2320 family includes six ICs: four operate at
both cellular and PCS frequencies, one operates at cel-
lular frequencies, and one at PCS frequencies (see
Selector Guide). Each part includes an LNA with a high
input third-order intercept point (IIP3) to minimize inter-
modulation and cross-modulation in the presence of
large interfering signals. In low-gain mode, the LNA is
bypassed to provide higher cascaded IIP3 at a lower
current. For paging, a low-current, high-gain mode is
provided.
The CDMA mixers in cellular and PCS bands have high
linearity, low noise, and differential IF outputs. The FM
mixer is designed for lower current and a single-ended
output.
All devices come in a 20-pin TSSOP-EP package with
exposed paddle (EP) and are specified for the extend-
ed temperature range (-40°C to +85°C).
Applications
CDMA/TDMA/PDC/WCDMA/GSM Cellular Phones
Single/Dual/Triple-Mode Phones
Wireless Local Loop (WLL)
Features
o Ultra-High Linearity at Ultra-Low Current and
Noise
o +2.7V to +3.6V Operation
o Pin-Selectable Low-Gain Mode Reduces Gain by
17dB and Current by 3mA
o Pin-Selectable Paging Mode Reduces Current
Draw by 6mA when Transmitter Is Not in Use
o LO Output Buffers
o LO Frequency Doubler (MAX2321)
o LO Frequency Divider (MAX2326)
o 0.1µA Shutdown Current
o 20-Pin TSSOP-EP Package
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
MIXINH
MIXINL
RBIAS
CDMA+
LNAINH
RLNA
20 TSSOP-EP
6mm x 6.3mm
LNAOUTL
LNAOUTH
TOP VIEW
CDMA-
BUFFEN
VCC
FMOUT
GAIN
LIN
BAND
LNAINL
12
11
9
10
LOLOUT
LOHOUT
LOHIN
LOLIN
MAX2320
MAX2321
MAX2326
TSSOP
19-1535; Rev 1; 6/00
PART
MAX2320EUP
MAX2321EUP
MAX2322EUP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
20 TSSOP-EP
20 TSSOP-EP
20 TSSOP-EP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Typical Application Circuits appear at end of data sheet.
Pin Configurations continued at end of data sheet.
Pin Configurations
Ordering Information
MAX2324EUP
MAX2326EUP
MAX2327EUP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
20 TSSOP-EP
20 TSSOP-EP
20 TSSOP-EP
PCS band, single mode with optional frequency
doubler
MAX2322
MAX2320 with LO doubler
Dual-band, dual VCO inputs, and dual IF outputs
MAX2320
MAX2321
DESCRIPTION
PART
Selector Guide
Dual-band, dual VCO inputs, and separately
controlled VCO buffers
MAX2327
MAX2320 with LO divider
Cellular band, dual IF outputs
MAX2324
MAX2326
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX2326EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Similar Description - MAX2326EUP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com