Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2410 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2410
Description  Low-Cost RF Up/Downconverter with LNA and PA Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2410 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2410 Datasheet HTML 4Page - Maxim Integrated Products MAX2410 Datasheet HTML 5Page - Maxim Integrated Products MAX2410 Datasheet HTML 6Page - Maxim Integrated Products MAX2410 Datasheet HTML 7Page - Maxim Integrated Products MAX2410 Datasheet HTML 8Page - Maxim Integrated Products MAX2410 Datasheet HTML 9Page - Maxim Integrated Products MAX2410 Datasheet HTML 10Page - Maxim Integrated Products MAX2410 Datasheet HTML 11Page - Maxim Integrated Products MAX2410 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Cost RF Up/Downconverter
with LNA and PA Driver
______________________________________________________________________________________
11
Standby Mode
When the TXEN and RXEN pins are both set to logic 1,
all functions are disabled and the supply current drops
to 160µA (typical). This mode is called standby, and it
corresponds to a standby mode on the compatible IF
transceiver chips MAX2510 and MAX2511.
Applications Information
Extended Frequency Range
The MAX2410 has been characterized at 1.9GHz for use
in PCS-band applications; however, it operates over a
much wider frequency range. The LNA gain and noise
figure, as well as mixer conversion gain, are plotted over
a wide frequency range in the
Typical Operating
Characteristics. When operating the device at RF fre-
quencies other than those specified in the
AC Electrical
Characteristics table, it may be necessary to design or
alter the matching networks on the RF ports. If the IF
frequency is different than that specified in the
AC
Electrical Characteristics table, the IFIN and IFOUT
matching networks must be altered. The
Typical
Operating Characteristics provide Port Impedance Data
vs. Frequency on all RF and IF pins for use in designing
matching networks. The LO port (LO and LO) is internally
terminated with 50
Ω resistors and provides a VSWR of
approximately 1.2:1 to 2GHz and 2:1 up to 3GHz.
Layout Issues
A properly designed PC board is an essential part of
any RF/microwave circuit. Be sure to use controlled
impedance lines on all high-frequency inputs and out-
puts. Use low-inductance connections to ground on all
GND pins, and place decoupling capacitors close to all
VCC connections.
For the power supplies, a star topology works well. In a
star topology, each VCC node in the circuit has its own
path to the central VCC, and its own decoupling capaci-
tor which provides a low impedance at the RF frequen-
cy of interest. The central VCC node has a large
decoupling capacitor as well, to provide good isolation
between the different sections of the MAX2410. The
MAX2410 EV kit layout can be used as a guide to inte-
grating the MAX2410 into your design.
_________________________________________Typical Application Block Diagram
MAX2410
LNAIN
ANTENNA
T/R
GC
TX MIXER
CBLOCK
RX MIXER
RXEN
RF
BPF
RF
BPF
TXEN
PADROUT
RECEIVE
IFOUT
LOCAL
OSCILLATOR
LNA
PA DRIVER
TRANSMIT
IFIN
IFOUT
IFIN
LO
LO
POWER
MANAGEMENT
MATCH
MATCH
RF
BPF
IF
BPF
MATCH
IF
BPF
MATCH
RF
BPF
MATCH


Similar Part No. - MAX2410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2410 MAXIM-MAX2410 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2410EVKIT MAXIM-MAX2410EVKIT Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
More results

Similar Description - MAX2410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2411A MAXIM-MAX2411A Datasheet
134Kb / 14P
   Low-Cost RF Up/Downconverter with LNA and PA Driver
19-1324; Rev 1; 2/98
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
   Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
[Old version datasheet]   RF DOWNCONVERTER
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
Microchip Technology
MRF24J40MD MICROCHIP-MRF24J40MD Datasheet
939Kb / 34P
   2.4 GHz IEEE Std. 802.15.4??RF Transceiver Module with PA/LNA
03/25/14
logo
Skyworks Solutions Inc.
RFX8050 SKYWORKS-RFX8050 Datasheet
640Kb / 7P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com