Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT921CYF Datasheet(PDF) 1 Page - Central Technologies

Part # CT921CYF
Description  SMD Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT921CYF Datasheet(HTML) 1 Page - Central Technologies

  CT921CYF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Inductors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.30.05
SPECIFICATIONS
Parts are available in ±20% tolerance only.
* Inductance drop = 30% typ. at IDC.
L Test
*IDC
Part
Inductance
Freq.
DCR
Max.
Number
(µH ±20%)
(kHz)
(
Ω ±20%)
(A)
CT921CYF-1R0M
1.0
100
0.017
3.59
CT921CYF-1R5M
1.5
100
0.019
2.93
CT921CYF-2R2M
2.2
100
0.024
2.42
CT921CYF-3R6M
3.6
100
0.030
1.89
CT921CYF-4R7M
4.7
100
0.036
1.66
CT921CYF-6R2M
6.2
100
0.042
1.45
CT921CYF-100M
10
100
0.050
1.14
CT921CYF-120M
12
100
0.060
1.04
CT921CYF-150M
15
100
0.080
0.93
CT921CYF-180M
18
100
0.086
0.85
CT921CYF-220M
22
100
0.110
0.77
CT921CYF-270M
27
100
0.130
0.70
CT921CYF-330M
33
100
0.150
0.63
CT921CYF-390M
39
100
0.165
0.58
CT921CYF-470M
47
100
0.215
0.53
CT921CYF-560M
56
100
0.250
0.48
CT921CYF-680M
68
100
0.300
0.44
CT921CYF-820M
82
100
0.375
0.40
CT921CYF-101M
100
100
0.470
0.36
CT921CYF-151M
150
100
0.650
0.31
CT921CYF Series
From 1.0 µH to 150 µH
Not shown at actual size.
CHARACTERISTICS
PAD LAYOUT
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz , 0.1V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
6.3
6.2
3.0
2.0±0.2
0.6±0.2
4.8±0.2
inches
0.25
0.24
0.12
0.08±0.01
0.02±0.01
0.19±0.01
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CT921CYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT920CYF CT-CT920CYF Datasheet
160Kb / 1P
   Power Inductors - Shielded
CT920CYF-100M CT-CT920CYF-100M Datasheet
160Kb / 1P
   Power Inductors - Shielded
CT920CYF-101M CT-CT920CYF-101M Datasheet
160Kb / 1P
   Power Inductors - Shielded
CT920CYF-120M CT-CT920CYF-120M Datasheet
160Kb / 1P
   Power Inductors - Shielded
CT920CYF-150M CT-CT920CYF-150M Datasheet
160Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CT921CYF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com