Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2424 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2424
Description  900MHz Image-Reject Receivers with Transmit Mixer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2424 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2424 Datasheet HTML 4Page - Maxim Integrated Products MAX2424 Datasheet HTML 5Page - Maxim Integrated Products MAX2424 Datasheet HTML 6Page - Maxim Integrated Products MAX2424 Datasheet HTML 7Page - Maxim Integrated Products MAX2424 Datasheet HTML 8Page - Maxim Integrated Products MAX2424 Datasheet HTML 9Page - Maxim Integrated Products MAX2424 Datasheet HTML 10Page - Maxim Integrated Products MAX2424 Datasheet HTML 11Page - Maxim Integrated Products MAX2424 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
900MHz Image-Reject Receiver
with Transmit Mixer
8
_______________________________________________________________________________________
_________________________________________________Pin Description (continued)
FUNCTION
PIN
NAME
Transmit Bias Compensation Input. Bypass with a 47pF low-inductance capacitor and 0.01µF to GND.
Do not make any other connections to this pin.
14
Transmit Mixer’s Inverting Baseband/IF Input. TXIN, TXIN form a high-impedance, differential input port.
See Figure 1.
13
CAP2
TXIN
Transmit Mixer’s Noninverting Baseband/IF Input. TXIN, TXIN form a high-impedance, differential input
port. See Figure 1.
12
TXIN
Prescaler/Oscillator Buffer Output. In divide-by-64/65 mode (DIV1 = low), the output level is 500mVp-p
into a high-impedance load. In divide-by-1 mode (DIV1 = high), this output delivers -8dBm into a 50
load. AC couple to this pin.
21
Ground connection for the Prescaler. Connect PREGND to ground for normal operation. Leave uncon-
nected to disable the prescaler and the output buffer. Connect MOD and DIV1 to ground and leave PRE-
OUT unconnected when disabling the prescaler.
20
PREOUT
PREGND
Modulus Control for the Divide-by-64/65 Prescaler. Drive MOD high for divide-by-64 mode. Drive MOD
low for divide-by-65 mode.
19
Drive VCOON with a logic high to turn on the VCO, phase shifters, VCO buffers, and prescaler. To dis-
able the prescaler, leave the PREGND pin unconnected.
17
Drive RXON and VCOON with a logic high to enable the LNA, receive mixer, and IF output buffer.
See
Power Management section.
16
MOD
VCOON
RXON
Drive TXON and VCOON with a logic high to enable the transmit IF variable-gain amplifier, upconverter
mixer, and PA predriver. See
Power Management section.
15
TXON
Drive DIV1 with a logic high to disable the divide-by-64/65 prescaler and connect the PREOUT pin
directly to an oscillator buffer amplifier, which outputs -8dBm into a 50
Ω load. Drive DIV1 low for divide-
by-64/65 operation. Drive this pin low when in shutdown to minimize shutdown current.
18
DIV1
Supply-Voltage Input for Prescaler. Bypass with a 47pF low-inductance capacitor and 0.01µF to GND
(pin 20 recommended).
22
VCC
Differential Oscillator Tank Port. See
Applications Information for information on tank circuits or on using
an external oscillator.
24
TANK
Supply-Voltage Input for VCO and Phase Shifters. Bypass with a 47pF low-inductance capacitor to GND
(pin 26 recommended).
23
VCC
Differential Oscillator Tank Port. See
Applications Information for information on tank circuits or on using
an external oscillator.
25
TANK
Ground Connection for VCO and Phase Shifters
26
GND
Ground (substrate)
27
GND
Ground Connection for Master Bias Cell
28
GND


Similar Part No. - MAX2424

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX242 MAXIM-MAX242 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX242 MAXIM-MAX242 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX242 MAXIM-MAX242 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2420 MAXIM-MAX2420 Datasheet
250Kb / 14P
   900MHz Image-Reject Transceivers
Rev 5; 8/03
MAX2420EAI MAXIM-MAX2420EAI Datasheet
250Kb / 14P
   900MHz Image-Reject Transceivers
Rev 5; 8/03
More results

Similar Description - MAX2424

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2440 MAXIM-MAX2440 Datasheet
182Kb / 12P
   900MHz Image-Reject Receivers
Rev 3; 8/03
MAX2420 MAXIM-MAX2420 Datasheet
250Kb / 14P
   900MHz Image-Reject Transceivers
Rev 5; 8/03
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Mini-Circuits
JCIR-4MH MINI-JCIR-4MH Datasheet
313Kb / 2P
   Image Reject Mixer
JCIR-152H MINI-JCIR-152H Datasheet
380Kb / 2P
   Image Reject Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com