Electronic Components Datasheet Search |
|
CTMC1210F Datasheet(PDF) 1 Page - Central Technologies |
|
CTMC1210F Datasheet(HTML) 1 Page - Central Technologies |
|
1 / 1 page Manufacturer of Passive Components 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice REV 07.30.15 Wire-wound Chip Inductors - Molded www.ctparts.com CTMC1210F Series From 0.12 µH to 150 µH SPECIFICATIONS Please specify tolerance code when ordering. CTMC1210F-R010_ J = ±5%, K = ±10%, M = ±20% L Test Q Q Test SRF DCR Rated Part Inductance Freq. Fact. Freq. Min. Max. DC Number (µH) (MHz) Min. (MHz) (MHz) ( Ω) (mA) CTMC1210F-R12_ .12 25.2 30 25.2 500 .22 450 CTMC1210F-R15_ .15 25.2 30 25.2 450 .25 450 CTMC1210F-R18_ .18 25.2 30 25.2 400 .28 450 CTMC1210F-R22_ .22 25.2 30 25.2 350 .32 450 CTMC1210F-R27_ .27 25.2 30 25.2 320 .36 450 CTMC1210F-R33_ .33 25.2 30 25.2 300 .40 450 CTMC1210F-R39_ .39 25.2 30 25.2 250 .45 450 CTMC1210F-R47_ .47 25.2 30 25.2 220 .50 450 CTMC1210F-R56_ .56 25.2 30 25.2 180 .55 450 CTMC1210F-R68_ .68 25.2 30 25.2 160 .60 450 CTMC1210F-R82_ .82 25.2 30 25.2 140 .65 450 CTMC1210F-1R0_ 1.0 7.96 30 7.96 120 .70 400 CTMC1210F-1R2_ 1.2 7.96 30 7.96 100 .75 390 CTMC1210F-1R5_ 1.5 7.96 30 7.96 85 .85 370 CTMC1210F-1R8_ 1.8 7.96 30 7.96 80 .90 350 CTMC1210F-2R2_ 2.2 7.96 30 7.96 75 1.0 320 CTMC1210F-2R7_ 2.7 7.96 30 7.96 70 1.1 290 CTMC1210F-3R3_ 3.3 7.96 30 7.96 60 1.2 260 CTMC1210F-3R9_ 3.9 7.96 30 7.96 55 1.3 250 CTMC1210F-4R7_ 4.7 7.96 30 7.96 50 1.5 220 CTMC1210F-5R6_ 5.6 7.96 30 7.96 47 1.6 200 CTMC1210F-6R8_ 6.8 7.96 30 7.96 43 1.8 180 CTMC1210F-8R2_ 8.2 7.96 30 7.96 40 2.0 170 CTMC1210F-100_ 10 2.52 30 2.52 36 2.1 150 CTMC1210F-120_ 12 2.52 30 2.52 33 2.5 140 CTMC1210F-150_ 15 2.52 30 2.52 30 2.8 130 CTMC1210F-180_ 18 2.52 30 2.52 27 3.3 120 CTMC1210F-220_ 22 2.52 30 2.52 25 3.7 110 CTMC1210F-270_ 27 2.52 30 2.52 20 5.0 80 CTMC1210F-330_ 33 2.52 30 2.52 17 5.6 70 CTMC1210F-390_ 39 2.52 30 2.52 16 6.4 65 CTMC1210F-470_ 47 2.52 30 2.52 15 7.0 60 CTMC1210F-560_ 56 2.52 30 2.52 13 8.0 55 CTMC1210F-680_ 68 2.52 30 2.52 12 9.0 50 CTMC1210F-820_ 82 2.52 30 2.52 11 10 45 CTMC1210F-101_ 100 .796 20 .796 10 10 40 CTMC1210F-121_ 120 .796 20 .796 10 11 70 CTMC1210F-151_ 150 .796 20 .796 8.0 15 65 Not Shown at Actual Size CHARACTERISTICS PHYSICAL DIMENSIONS Description: Ferrite core, wire-wound molded chip inductor. Applications: TVs, VCRs, disk drives, computer peripherals, telecommunication devices and electronic control boards for automobiles. Operating Temperature: -40°C to +100°C Inductance Tolerance: ±5%, ±10% & ±20% Testing: Inductance and Q are tested on a HP4285A or a HP4286A at a specified frequency. Packaging: Tape & Reel. Part Marking: Inductance code or inductance code plus tolerance. Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request. Samples available. See website for ordering information. A B C D E F 3.2±0.3 2.5±0.2 2.2±0.2 1.0±0.4 2.9±0.2 0.6 0.13±0.012 0.10±0.008 0.09±0.008 0.04±0.016 0.11±0.008 0.02 Size mm inches CTMC1210F-1R0_ 1.0 7.96 30 7.96 120 .70 400 CTMC1210F-1R2_ 1.2 7.96 30 7.96 100 .75 390 CTMC1210F-1R5_ 1.5 7.96 30 7.96 85 .85 370 CTMC1210F-1R8_ 1.8 7.96 30 7.96 80 .90 350 CTMC1210F-2R2_ 2.2 7.96 30 7.96 75 1.0 320 CTMC1210F-2R7_ 2.7 7.96 30 7.96 70 1.1 290 CTMC1210F-3R3_ 3.3 7.96 30 7.96 60 1.2 260 CTMC1210F-3R9_ 3.9 7.96 30 7.96 55 1.3 250 CTMC1210F-4R7_ 4.7 7.96 30 7.96 50 1.5 220 CTMC1210F-5R6_ 5.6 7.96 30 7.96 47 1.6 200 CTMC1210F-6R8_ 6.8 7.96 30 7.96 43 1.8 180 CTMC1210F-8R2_ 8.2 7.96 30 7.96 40 2.0 170 CTMC1210F-101_ 100 .796 20 .796 10 10 40 CTMC1210F-121_ 120 .796 20 .796 10 11 70 CTMC1210F-151_ 150 .796 20 .796 8.0 15 65 ENGINEERING KIT #12F |
Similar Part No. - CTMC1210F |
|
Similar Description - CTMC1210F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |