Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2510 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2510
Description  Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2510 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2510 Datasheet HTML 4Page - Maxim Integrated Products MAX2510 Datasheet HTML 5Page - Maxim Integrated Products MAX2510 Datasheet HTML 6Page - Maxim Integrated Products MAX2510 Datasheet HTML 7Page - Maxim Integrated Products MAX2510 Datasheet HTML 8Page - Maxim Integrated Products MAX2510 Datasheet HTML 9Page - Maxim Integrated Products MAX2510 Datasheet HTML 10Page - Maxim Integrated Products MAX2510 Datasheet HTML 11Page - Maxim Integrated Products MAX2510 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Table 2. RXIN or RXIN Input Impedance
Receive IF Filter
The interstage filter, located between the MIXOUT pin
and the LIMIN pin, is typically a three-terminal, 330
Ω,
10.7MHz bandpass filter. This filter prevents the limiter
from acting on any undesired signals that are present
at the mixer’s output, such as LO feedthrough, out-of-
band channel leakage, and spurious mixer products.
The filter connections are also set up to feed DC bias
from VREF into LIMIN and MIXOUT through two 330
filter-termination resistors. (See the
Typical Operating
Circuit for more information).
Transmit Output Matching
The transmit outputs, TXOUT and TXOUT, are open-
collector outputs and therefore present a high
impedance.
For differential drive, TXOUT and TXOUT are connected
to VCC via chokes, and each side is AC coupled to the
load. A terminating resistor between TXOUT and
TXOUT sets the output impedance. This resistor pro-
vides a stable means of matching to the load.
TXOUT and TXOUT are voltage-swing limited, and
therefore cannot drive the specified maximum power
across more than 150
Ω load impedance. This load
impedance typically consists of a shunt-terminating
resistor in parallel with a filter load impedance. To drive
higher output load impedances, the gain must be
reduced (via the GC pin) to avoid saturating the TX out-
put stage.
For single-ended applications, connect the unused TX
output output pin directly to VCC.
400MHz ISM Applications
The MAX2510 can be used as a front-end IC in appli-
cations where the RF carrier frequency is in the
400MHz ISM band. In this case, Maxim recommends
preceding the MAX2510 receiver section with a low-
noise amplifier (LNA) that can operate over the same
supply voltage range. The MAX2630–MAX2633 family
of amplifiers meets this requirement. In many applica-
tions, the MAX2510’s transmit output power is sufficient
to eliminate the need for an external power amplifier.
______________________Layout Issues
A well-designed PC board is an essential part of an RF
circuit. Use the MAX2510 evaluation kit and the recom-
mendations below as guides to generate your own
layout.
Power-Supply Layout
A star topology, which has a heavily decoupled central
VCC node, is the ideal power-supply layout for minimiz-
ing coupling between different sections of the chip. The
VCC traces branch out from this node, each going to
one VCC connection in the MAX2510 typical operating
circuit. At the end of each of these traces is a bypass
capacitor that presents low impedance at the RF fre-
quency of interest. This method provides local decou-
pling at each VCC pin. At high frequencies, any signal
leaking out of a supply pin sees a relatively high imped-
ance (formed by the VCC trace impedance) to the cen-
tral VCC node, and an even higher impedance to any
other supply pin, minimizing Vcc supply-pin coupling.
A single ground plane suffices. Where possible, multi-
ple parallel vias aid in reducing inductance to the
ground plane.
Place the VREF decoupling capacitor (0.1µF typical) as
close to the MAX2510 as possible for best interstage fil-
ter performance. For best results, use a high-quality,
low-ESR capacitor.
Matching/biasing networks around the receive and
transmit pins should be symmetric and as close to the
chip as possible. A cutout in the ground plane under
the matching network components can be used to
reduce parasitic capacitance.
Decouple pins 19 and 21 (VCC) directly to pin 20 (Rx,
Tx ground), which should be directly connected the
ground plane. Similarly, decouple pin 8 directly to pin 7.
Refer to the
Pin Description table for more information.
Low-Voltage IF Transceiver with
Limiter/RSSI and Quadrature Modulator
______________________________________________________________________________________
11
64 - j109
94 - j143
149 - j184
SERIES IMPEDANCE
(
Ω)
275 - j203
400
300
200
FREQUENCY
(MHz)
100
53 - j87
500


Similar Part No. - MAX2510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510 Datasheet
540Kb / 8P
   Evaluation Kit
Rev 2; 1/01
MAX2510 MAXIM-MAX2510 Datasheet
541Kb / 8P
   Fully Assembled and Tested Evaluation Kit
Rev 2; 1/01
MAX2510EEI MAXIM-MAX2510EEI Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
MAX2510EVKIT MAXIM-MAX2510EVKIT Datasheet
541Kb / 8P
   Fully Assembled and Tested Evaluation Kit
Rev 2; 1/01
MAX2510EVKIT-SO MAXIM-MAX2510EVKIT-SO Datasheet
540Kb / 8P
   Evaluation Kit
Rev 2; 1/01
More results

Similar Description - MAX2510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510_V01 Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
MAX2511 MAXIM-MAX2511_97 Datasheet
126Kb / 16P
   Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
Harris Corporation
CA2111A HARRIS-CA2111A Datasheet
55Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
logo
Intersil Corporation
CA2111A INTERSIL-CA2111A Datasheet
50Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
May 1999
logo
NXP Semiconductors
SA1630 PHILIPS-SA1630 Datasheet
147Kb / 22P
   IF quadrature transceiver
1998 Jul 21
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
logo
Analog Devices
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com