Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2510 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2510
Description  Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2510 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2510 Datasheet HTML 3Page - Maxim Integrated Products MAX2510 Datasheet HTML 4Page - Maxim Integrated Products MAX2510 Datasheet HTML 5Page - Maxim Integrated Products MAX2510 Datasheet HTML 6Page - Maxim Integrated Products MAX2510 Datasheet HTML 7Page - Maxim Integrated Products MAX2510 Datasheet HTML 8Page - Maxim Integrated Products MAX2510 Datasheet HTML 9Page - Maxim Integrated Products MAX2510 Datasheet HTML 10Page - Maxim Integrated Products MAX2510 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Voltage IF Transceiver with
Limiter/RSSI and Quadrature Modulator
_______________________________________________________________________________________
7
0
0.2
0.4
0.6
0.8
1.0
2.5
3.5
3.0
4.0
4.5
5.0
5.5
TRANSMITTER OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +25°C
TA = -40°C
TA = +85°C
-30
-24
-26
-28
-20
-22
-12
-14
-16
-18
-10
50
100
150
200
250
300
350
400
OUTPUT POWER
vs. BASEBAND INPUT VOLTAGE
BASEBAND INPUT VOLTAGE (mVp)
GC = OPEN
0
10
30
20
40
50
0
400
200
600
800
1000
TRANSMITTER SIDEBAND SUPPRESSION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
-1000
-800
Tx MODE REAL
-900
-600
-700
0
-400
-500
-300
-200
-100
100
200
400
300
500
TRANSMITTER DIFFERENTIAL
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (MHz)
Tx OFF
IMAGINARY
Tx MODE
IMAGINARY
Tx OFF REAL
-154
-150
-152
-146
-148
-142
-144
-140
-136
-138
-134
0
0.4 0.6 0.8
0.2
1.0 1.2 1.4
1.8
1.6
2.0
TRANSMIT NOISE POWER
vs. GC VOLTAGE
GC VOLTAGE (V)
Af = 200kHz
-18.0
-17.0
-17.5
-16.0
-16.5
-15.0
-15.5
-14.5
-13.5
-14.0
-13.0
-20
-16 -14 -12
-18
-10 -8
-6
-2
-4
0
TRANSMITTER OUTPUT POWER
vs. LO POWER
LO POWER (dBm)
____________________________ Typical Operating Characteristics (continued)
(MAX2510 EV kit; VCC = +3.0V; 0.01µF across CZ and CZ; MIXOUT tied to VREF through 165Ω resistor; TXOUT and TXOUT loaded
with 100
Ω differential; LO terminated with 50Ω; LO AC grounded; GC open; LIMOUT, LIMOUT open; 330pF at RSSI pin; 0.1µF con-
nected from VREF pin to GND; PRXIN, RXIN = -30dBm differentially driven (input matched); fRXIN, RXIN = 240MHz; bias voltage at I, I,
Q, Q = 1.4V; VI,Q = 500mVp-p; f I, Q = 200kHz; fLO, LO = 230MHz; PLO = -13dBm; TA = +25°C; unless otherwise noted.)


Similar Part No. - MAX2510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510 Datasheet
540Kb / 8P
   Evaluation Kit
Rev 2; 1/01
MAX2510 MAXIM-MAX2510 Datasheet
541Kb / 8P
   Fully Assembled and Tested Evaluation Kit
Rev 2; 1/01
MAX2510EEI MAXIM-MAX2510EEI Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
MAX2510EVKIT MAXIM-MAX2510EVKIT Datasheet
541Kb / 8P
   Fully Assembled and Tested Evaluation Kit
Rev 2; 1/01
MAX2510EVKIT-SO MAXIM-MAX2510EVKIT-SO Datasheet
540Kb / 8P
   Evaluation Kit
Rev 2; 1/01
More results

Similar Description - MAX2510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510_V01 Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
MAX2511 MAXIM-MAX2511_97 Datasheet
126Kb / 16P
   Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
Harris Corporation
CA2111A HARRIS-CA2111A Datasheet
55Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
logo
Intersil Corporation
CA2111A INTERSIL-CA2111A Datasheet
50Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
May 1999
logo
NXP Semiconductors
SA1630 PHILIPS-SA1630 Datasheet
147Kb / 22P
   IF quadrature transceiver
1998 Jul 21
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
logo
Analog Devices
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com