Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-7QER03Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-7QER03Z
Description  40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-7QER03Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-7QER03Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER03Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER03Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER03Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER03Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER03Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER03Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER03Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER03Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Figure 2. Application Reference Diagram
ASIC (SerDes)
Rx 1
Rx 2
Rx 3
Rx 4
Tx 4
Tx 3
Tx 2
Tx 1
Tx In p
Tx In n
Rx Out p
Rx Out n
Host Board
(Only one channel shown for simplicity)
QSFP + Module
Rx
Tx
Control Signal Interface
The module has the following low speed signals for control
and status: ModSelL, LPMode, ResetL, ModPrsL, IntL. In
addition, there is an industry standard two wire serial
interface scaled for 3.3 volt LVTTL. It is implemented as a
slave device. Signals and timing characteristics are further
defined in the Control Interface section. The registers
of the serial interface memory are defined in the Memory
Map section and corresponding Avago Technologies
QSFP+ Memory Map document
High Speed Signal Interface
Figure 2 shows the interface between an ASIC/SerDes
and the QSFP+ AOC. For simplicity, only one channel is
shown. The high speed signal lines are AC-coupled 100
ohm differential lines. The AC coupling is inside the QSFP+
AOC and not required on the host board. The 100 ohm
differential terminations are inside the QSFP+ AOC for
the transmitter lines and at the host ASIC/SerDes for
the receiver lines. All transmitter and receiver electrical
channels are compliant to module XLPPI specifications
per IEEE 802.3ba.
Regulatory & Compliance Issues
Various standards and regulations apply to the cables.
These include eye-safety, EMC, ESD and RoHS. See the
Regulatory Section for details, including component
recognition. Please note the transmitter is a Class 1M laser
product – In the event of fiber breakage, DO NOT VIEW
RADIATION DIRECTLY WITH OPTICAL INSTRUMENTS. See
Regulatory Compliance Table for details.
Package Outline
The module is designed to meet the package outline
defined in the SFF-8436 Specification for QSFP+ Optical
Modules. See the package outline and host board foot-
print figures (Figures 10 – 13) for details.
Handling and Cleaning
The Active Cable-end can be damaged by exposure to
current surges and over voltage events. Care should be
taken to restrict exposure to the conditions defined in
the Absolute Maximum Ratings. Wave soldering, reflow
soldering and/or aqueous wash process with the modules
on board are not recommended. Normal handling
precautions for electrostatic discharge sensitive devices
should be observed.


Similar Part No. - AFBR-7QER03Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-700SDZ AVAGO-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
ATGBICS by Approved Tec...
AFBR-700SDZ-C ATGBICS-AFBR-700SDZ-C Datasheet
375Kb / 10P
   AFBR-700SDZ Avago Broadcom Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
AFBR-701ASDZ-C ATGBICS-AFBR-701ASDZ-C Datasheet
569Kb / 10P
   AFBR-701ASDZ Avago Broadcom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AFBR-701SDZ-C ATGBICS-AFBR-701SDZ-C Datasheet
569Kb / 10P
   AFBR-701SDZ Avago Broadcom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results

Similar Description - AFBR-7QER03Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
logo
Finisar Corporation.
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQPZ AVAGO-AFBR-79EQPZ_15 Datasheet
656Kb / 20P
   40 Gb Ethernet and InfiniBand Applications
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7CERXXZ AVAGO-AFBR-7CERXXZ Datasheet
112Kb / 2P
   10G Ethernet SFP Active Optical Cable (AOC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com