Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-7QER05Z Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-7QER05Z
Description  40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-7QER05Z Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-7QER05Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER05Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER05Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER05Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER05Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER05Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER05Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER05Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-7QER05Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Regulatory Compliance Table
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
to the Electrical Contacts
JEDEC Human Body Model (HBM)
(JESD22-A114-B)
JEDEC Charge Device Model (CDM)
(JESD22-C101D)
High Speed contacts withstand 1 kV;
all other contacts withstand 2 kV
Active Cable withstands 250 V
Electrostatic Discharge (ESD)
to Optical Connector
GR1089
10 discharges of 8 kV on the electrical
faceplate with device inserted into a panel
Electrostatic Discharge (ESD)
to Optical Connector
Variation of EN 61000-4-2
Air discharge of 15 kV (min) to connector
without damage
Electromagnetic Interference
(EMI)
FCC Part 15 CENELEC EN55022
(CISPR 22A) VCCI Class 1
Typically passes with 10 dB margin. Actual
performance dependent on enclosure design
Immunity
Variation of EN 61000-4-3
Typically minimum effect from a 10V/m field
swept from 80 MHz to 1 GHz applied to the
Active Cable-end without a chassis enclosure
Laser Eye Safety and
Equipment Type Testing
EN 60825-1:2007
Pout: EN AEL & US FDA CDRH Class 1M
Component Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment including Electrical Business
Equipment
RoHS Compliance
BS EN 1122:2001 Mtd B by ICP for Cadmium,
EPA Method 3051A by ICP for Lead and
Mercury, EPA Method 3060A & 7196A by
UV/Vis Spectrophotometry for Hexavalent
Chromium. EPA Method 3540C/3550B by
GC/MS for PPB and PBDE
BS EN method by ICP and EPA methods by
ICP, UV/Vis Spectrophotometry and GC/MS.
Less than 100 ppm of cadmium,
Less than 1000 ppm of lead, mercury,
hexavalent chromium, polybrominated
biphenyls, and polybrominated biphenyl
esters.
Flammability
Module: UL 94V-0
Cable: OFNR, LSZH


Similar Part No. - AFBR-7QER05Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-700SDZ AVAGO-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
ATGBICS by Approved Tec...
AFBR-700SDZ-C ATGBICS-AFBR-700SDZ-C Datasheet
375Kb / 10P
   AFBR-700SDZ Avago Broadcom Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
AFBR-701ASDZ-C ATGBICS-AFBR-701ASDZ-C Datasheet
569Kb / 10P
   AFBR-701ASDZ Avago Broadcom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AFBR-701SDZ-C ATGBICS-AFBR-701SDZ-C Datasheet
569Kb / 10P
   AFBR-701SDZ Avago Broadcom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results

Similar Description - AFBR-7QER05Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
logo
Finisar Corporation.
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQPZ AVAGO-AFBR-79EQPZ_15 Datasheet
656Kb / 20P
   40 Gb Ethernet and InfiniBand Applications
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7CERXXZ AVAGO-AFBR-7CERXXZ Datasheet
112Kb / 2P
   10G Ethernet SFP Active Optical Cable (AOC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com