Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2188M Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2188M
Description  Passive Matrix TruSurround 3D Audio Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188M Datasheet(HTML) 7 Page - New Japan Radio

  NJM2188M Datasheet HTML 1Page - New Japan Radio NJM2188M Datasheet HTML 2Page - New Japan Radio NJM2188M Datasheet HTML 3Page - New Japan Radio NJM2188M Datasheet HTML 4Page - New Japan Radio NJM2188M Datasheet HTML 5Page - New Japan Radio NJM2188M Datasheet HTML 6Page - New Japan Radio NJM2188M Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJM2188
- 7 -
TOTAL HARMONIC DISTORTION vs. INPUT VOLTAGE
TRU MODE
0.0001
5
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
-30
+15
-25
-20
-15
-10
-5
+0
+5
+10
TOTAL HARMONIC DISTORTION vs. INPUT VOLTAGE
BYPASS MODE
a, b
INPUT LEVEL(dBV)
INPUT LEVEL(dBV)
a: Vin = 1kHz
Lch
⇒ Vout = Lch
b: Vin = 1kHz
Lch
⇒ Vout = Rch
V
+=12V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
-30
+15
-25
-20
-15
-10
-5
+0
+5
+10
a: Vin = 1kHz
Lch
⇒ Vout = Lch
b: Vin = 1kHz
Lch
⇒ Vout = Rch
V
+=12V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
-30
+15
-25
-20
-15
-10
-5
+0
+5
+10
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
-30
+15
-25
-20
-15
-10
-5
+0
+5
+10
INPUT LEVEL(dBV)
a: Vin = 1kHz
Lch
⇒ Vout = Lch
b: Vin = 1kHz
Lch
⇒ Vout = Rch
V
+=12V
THD(
%)
TOTAL HARMONIC DISTORTION vs. INPUT VOLTAGE
SRS 3D-1 MODE
INPUT LEVEL(dBV)
a: Vin = 1kHz
Lch
⇒ Vout = Lch
b: Vin = 1kHz
Lch
⇒ Vout = Rch
V
+=12V
THD(%)
TOTAL HARMONIC DISTORTION vs. INPUT VOLTAGE
SRS 3D-2 MODE
a
b
a
b
a
b
THD(%)
THD(%)
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.


Similar Part No. - NJM2188M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
NJM2180L NJRC-NJM2180L Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
NJM2180M NJRC-NJM2180M Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
NJM2181 NJRC-NJM2181 Datasheet
46Kb / 5P
   Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
NJM2181L NJRC-NJM2181L Datasheet
46Kb / 5P
   Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
More results

Similar Description - NJM2188M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2187 NJRC-NJM2187 Datasheet
295Kb / 10P
   Passive Matrix TruSurround 3D AUDIO PROCESSOR
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
NJM2181 NJRC-NJM2181 Datasheet
46Kb / 5P
   Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
   AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
   3D EFFECT AUDIO PROCESSOR
logo
New Japan Radio
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
logo
New Japan Radio
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com