Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-83CDZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-83CDZ
Description  CXP Pluggable, Parallel Fiber-Optics Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-83CDZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-83CDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
• Compliant to SFF-8642: Mini Multilane Series: Shielded
Integrated Connector, and InfiniBand Architecture
Specification V2 R1.3 for CXP Interface
• Multi-rate capable up to 12.5 Gbps
• High Channel Capacity: 150 Gbps per module, bi-
directional, with twelve independent Transmitters and
Receivers each
• Operates at 12.5 Gbps per channel with 64b/66b
encoded data for proprietary application
• Hot Pluggable
• Links up to 50 m using OM3 fiber and 65 m using OM4
fiber
• 0 to 70 °C case temperature operating range
• 3.3 V power supply only
• Low power dissipation of < 3.5 W
• Proven High Reliability 850 nm technology: Avago
VCSEL array transmitter and Avago PIN array receiver
• TwoWire Serial (TWS) interface with maskable interrupt
for expanded functionality including:
– Individual channel functions: channel/output dis-
able, squelch disable, and lane polarity inversion
– Diagnostic Monitoring functions: module tempera-
ture and supply voltages, per channel laser current
and laser power, and input receiver power
– Status per channel: Tx fault, electrical (transmitter)
and optical (receiver) LOS, and alarm flags
• Utilizes a standard 24 lane optical fiber with MTP
(MPO) optical connector for high density and thin,
light-weight cable management
Description
The Avago Technologies AFBR-83CDZ is a Twelve-Chan-
nel, Pluggable, Parallel, Fiber-Optic CXP Transceiver for
12 × 12.5G proprietary application. This transceiver is a
high performance module for short-range multi-lane
data communication and interconnect applications. It
integrates twelve data lanes in each direction with 150
Gbps aggregate bandwidth. Each lane can operate at
12.5 Gbps up to 50 m using OM3 fiber and 65 m using
OM4 fiber. These modules are designed to operate over
multimode fiber systems using a nominal wavelength of
850 nm. The electrical interface uses an 84-contact edge
type connector. The optical interface uses a 24-fiber MTP
(MPO) connector. This module incorporates Avago Tech-
nologies proven integrated circuit and VCSEL technology
to provide reliable long life, high performance, and con-
sistent service.
Applications
• 12 × 12.5G proprietary interconnects
• Data Aggregation, Backplane and Proprietary Protocol
and Density Applications
• Datacom/Telecom switch & router connections
Part Number Ordering Options
AFBR-83CDZ
12x 12.5 Gbps with Full Diagnostic Monitoring
AFBR-83EVB
CXP Evaluation Board
AFBR-83EVK* CXP Evaluation Kit
* Includes GUI, User Guide, i-Port and Power Supply
AFBR-83CDZ
12 Channel × 12.5 Gbps Transceiver
CXP Pluggable, Parallel Fiber-Optics Module
Data Sheet
Patent - www.avagotech.com/patents
Avago Technologies Confidential


Similar Part No. - AFBR-83CDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83CDXXZ AVAGO-AFBR-83CDXXZ Datasheet
157Kb / 2P
   10.3 & 12.5 Gbps/Channel
More results

Similar Description - AFBR-83CDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83EDZ AVAGO-AFBR-83EDZ Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ_15 Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ Datasheet
373Kb / 2P
   12Channel x 10.3125Gbps Transceiver CXP Pluggable, Parallel Fiber-Optics Module
AFBR-775BZ AVAGO-AFBR-775BZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ_15 Datasheet
653Kb / 19P
   Parallel Fiber-Optics Module
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
AFBR-89CDDZ AVAGO-AFBR-89CDDZ Datasheet
86Kb / 1P
   QSFP28 Pluggable, Parallel Fiber-Optics Module 100 Gigabit Ethernet Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com