Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-776BZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-776BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-776BZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-776BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-776BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-776BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-776BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-776BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-776BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-776BZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-776BZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-776BZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
Transmitter Electrical Characteristics*
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted. Typical
values are for Tc = 40˚C, Vcc33 = 3.3 V and Vcc25 = 2.5 V.
Parameter
Symbols
Min
Typ
Max
Units
Reference
Power Consumption
2.4
W
Power Supply Current - Vcc25
370
mA
1
Power Supply Current - Vcc33
425
mA
2
Differential Input Impedance
80
120
Ω
Informative
Differential Input
Reflection Coefficient
SDD11
-8
dB
3, Figure 3
Common Mode Input
Reflection Coefficient
SCC11
-6
dB
4, Figure 3
Differential to CM Input
Reflection Coefficient
SCD11
-35
dB
5, Figure 3
LOS Assert Threshold:
Tx Data Input Differential
Peak-to-Peak Voltage Swing
ΔVDI PP LOS
58
120
156
mVpp
LOS Hysteresis: Tx Data Input
1
4
dB
6
Power On Initialization Time
tPWR INIT
2000
ms
7, Figure 18
Notes:
* For control signal timing including Adr[2:0], IntL, ResetL, SCL and SDA see Control Characteristics: Transmitter/Receiver.
1. Supply current includes that of all Vcc25 contacts.
2. Supply current includes that of all Vcc33 contacts.
3. Measured over the range 100 MHz to 3.75 GHz with reference differential impedance of 100
Ω
4. Measured over the range 100 MHz to 3.75 GHz with reference common mode impedance of 25
Ω
5. Measured over the range 100 MHz to 3.75 GHz with reference differential impedance of 100
Ω
6. LOS Hysteresis is defined as 20 Log(LOS De-assert Level / LOS Assert Level).
7. Power On InitializationTime is the time from when the supply voltages reach and remain above the minimum Recommended Operating Conditions
to the time when the module enables TWS access. The module at that point is fully functional.


Similar Part No. - AFBR-776BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-775BEHZ AVAGO-AFBR-775BEHZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
AFBR-775BEPZ AVAGO-AFBR-775BEPZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
AFBR-775BEZ AVAGO-AFBR-775BEZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
AFBR-775BHZ AVAGO-AFBR-775BHZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
AFBR-775BPZ AVAGO-AFBR-775BPZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
More results

Similar Description - AFBR-776BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-77D13SZ AVAGO-AFBR-77D13SZ Datasheet
2Mb / 53P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D4SZ AVAGO-AFBR-77D4SZ Datasheet
242Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D2SZ AVAGO-AFBR-77D2SZ Datasheet
242Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ_15 Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   10 Gbps/Channel Twelve Channel Parallel Fiber Optics Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com