Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-775BEPZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-775BEPZ
Description  Pluggable, Parallel-Fiber-Optics
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-775BEPZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-775BEPZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEPZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEPZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEPZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEPZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEPZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEPZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEPZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEPZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
Receiver Electrical Characteristics*
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted. Typical
values are for Tc = 40˚C, Vcc33 = 3.3 V and Vcc25 = 2.5 V.
Parameter
Symbol
Min
Typ
Max
Units
Reference
Power Consumption
2
W
1
Power Supply Current (Vcc25)
670
mA
2
Power Supply Current (Vcc33)
200
mA
3
Data Output Differential
Peak-to-Peak Voltage Swing
(Zero De-emphasis)
ΔVDO pp
775
850
925
mVpp
4 , Figure 14, 100
Ω Load Full
Scale Setting
415
490
565
Default Amplitude Setting
Data Output
Common Mode Voltage
VDO CM
1.785
2.540
V
5, Figure 14, Over Amplitude
Setting Range
Data Output
Off State Differential Voltage
ΔVDO OFF
20
mVpp
Data Output
Off Common Mode Voltage
VDO OFF CM
Vcc25
V
Output Rise/Fall time (20-80%)
80
ps
6
Receiver BW
3.125
GHz
Informative, Linear stages,
Default Rate Select
LOS to Data Output
Squelch Assert Time
tSQ ON
80
µs
7, Figure 22
Data Output
Squelch De-assert Time
tSQ OFF
300
µs
8, Figure 22
Reference Link Output
Deterministic Jitter
66
ps
9, Informative
Reference Link Output
Total Jitter
130
ps
10
Reference Link Output
Eye Width
tEYE LINK
70
ps
11
Differential Output
Impedance
80
120
Ω
Informative
Differential Output
Reflection Coefficient
SDD22
-10
dB
12, Figure 3
Common Mode Output
Reflection Coefficient
SCC22
-8
dB
13, Figure 3
CM to Differential Output
Reflection Coefficient
SDC22
-35
dB
14, Figure 3
Power On Initialization Time
tPWR INIT
2000
ms
15, Figure 18
Inter-channel Skew
150
ps
16
Rx Input-Output Latency
600
ps
Informative


Similar Part No. - AFBR-775BEPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-77D13SZ AVAGO-AFBR-77D13SZ Datasheet
2Mb / 53P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   10 Gbps/Channel Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ_15 Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
More results

Similar Description - AFBR-775BEPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83CDZ AVAGO-AFBR-83CDZ Datasheet
859Kb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-83EDZ AVAGO-AFBR-83EDZ Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ_15 Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ_15 Datasheet
653Kb / 19P
   Parallel Fiber-Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ Datasheet
373Kb / 2P
   12Channel x 10.3125Gbps Transceiver CXP Pluggable, Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com