Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-810BEZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BEZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BEZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-810BEZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
Transmitter Module
The optical transmitter module (see Figure 1) incorporates
a 12-channelVCSEL (Vertical Cavity Surface Emitting Laser)
array, a 12-channel input buffer and laser driver, diagnos-
tic monitors, control and bias blocks. The transmitter is
designed for IEC-60825 and CDRH eye safety compliance;
Class 1M out of the module. The Tx Input Buffer provides
CML compatible differential inputs (presenting a nominal
differential input impedance of 100 Ohms and a nominal
common mode impedance to signal ground of 25 Ohms)
for the high speed electrical interface that can operate
over a wide common mode range without requiring DC
blocking capacitors. For module control and interroga-
tion, the control interface (LVTTL compatible) incorpo-
rates a Two Wire Serial (TWS) interface of clock and data
signals and dedicated signals for host interrupt, module
address setting and module reset. Diagnostic monitors for
VCSEL bias, light output (LOP), temperature, both supply
voltages and elapsed operating time are implemented
and results are available through the TWS interface.
Over the TWS interface, the user can, for individual
channels, control (flip) polarity of the differential inputs,
de-activate channels, place channels into margin mode,
Figure 1. Transmitter Block Diagram
Din[11:0][p/n] (24)
IntL
SDA
SCL
Adr[2:0] (3)
ResetL
Vcc33 (4)
Vcc25 (2)
Gnd
Tx Input Buffer
12 Channels
Laser Driver
12 Channels
Control
Diagnostic Monitors
Bias
disable the squelch function and program input equaliza-
tion levels to reduce the effect of long PCB traces. A reset
for the control registers is available. Serial ID information
and alarm thresholds are provided. To reduce the need for
polling, the TWS interface is augmented with an interrupt
signal for the host.
Alarm thresholds are established for the monitored
attributes. Flags are set and interrupts generated when
the attributes are outside the thresholds. Flags are also set
and interrupts generated for loss of input signal (LOS) and
transmitter fault conditions. All flags are latched and will
remain set even if the condition initiating the latch clears
and operation resumes. All interrupts can be masked and
flags are reset by reading the appropriate flag register. The
optical output will squelch for loss of input signal unless
squelch is disabled. Fault detection or channel deactiva-
tion through the TWS interface will disable the channel.
Status, alarm and fault information are available via the
TWS interface. The interrupt signal (selectable via the TWS
interface as a pulse or static level) is provided to inform
hosts of an assertion of an alarm, LOS and/or Tx fault.


Similar Part No. - AFBR-810BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
More results

Similar Description - AFBR-810BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com