Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-810BEHZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BEHZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BEHZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-810BEHZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
Receiver Module
The optical receiver module (see Figure 2) incorporates
a 12-channel PIN photodiode array, a 12-channel pre-
amplifier and output buffer, diagnostic monitors, control
and bias blocks. The Rx Output Buffer provides CML
compatible differential outputs for the high speed elec-
trical interface presenting nominal single-ended output
impedances of 50 Ohms to AC ground and 100 Ohms
differentially that should be differentially terminated with
100 Ohms. DC blocking capacitors may be required. For
module control and interrogation, the control interface
(LVTTL compatible) incorporates a Two Wire Serial (TWS)
interface of clock and data signals and dedicated signals
for host interrupt, module address setting and module
reset. Diagnostic monitors for optical input power, tem-
perature, both supply voltages and elapsed operating
time are implemented and results are available through
the TWS interface.
Over the TWS interface, the user can, for individual
channels, control (flip) polarity of the differential outputs,
de-activate channels, disable the squelch function,
program output signal amplitude and de-emphasis
and change receiver bandwidth. A reset for the control
registers is available. Serial ID information and alarm
thresholds are provided. To reduce the need for polling,
the TWS interface is augmented with an interrupt signal
for the host.
Alarm thresholds are established for the monitored at-
tributes. Flags are set and interrupts generated when the
attributes are outside the thresholds. Flags are also set
and interrupts generated for loss of optical input signal
(LOS). All flags are latched and will remain set even if
the condition initiating the latch clears and operation
resumes. All interrupts can be masked and flags are reset
upon reading the appropriate flag register. The electri-
cal output will squelch for loss of input signal (unless
squelch is disabled) and channel de-activation through
TWS interface. Status and alarm information are available
via the TWS interface. The interrupt signal (selectable via
the TWS interface as a pulse or static level) is provided
to inform hosts of an assertion of an alarm and/or LOS.
Dout[11:0][p/n] (24)
IntL
SDA
SCL
Adr[2:0] (3)
ResetL
Vcc33 (4)
Vcc25 (2)
Gnd
Rx Output Buffer
12 Channels
Preamp
12 Channels
Control
Diagnostic Monitors
Bias
Figure 2. Receiver Block Diagram


Similar Part No. - AFBR-810BEHZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
More results

Similar Description - AFBR-810BEHZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com