Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-810BEHZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BEHZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BEHZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-810BEHZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BEHZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
Figure 3. Application Reference Diagram
ASIC/SerDes
FO Tx (1 of 12 Lanes)
Host Board Electrical Interface
- Compliance Points -
FO Rx Electrical Interface
FO Rx (1 of 12 Lanes)
FO Tx Electrical Interface
SDD22
SCC22
SCC11
SDD11
SCD11
SDC22
CAC
CAC
50
50
50
50
High Speed Signal Interface
Figure 3 shows the interface between an ASIC/SerDes and
the fiber Optic modules. For simplicity, only one channel is
shown. As shown in the Figure 3, the compliance points are
on the host board side of the electrical connectors.Sets of
s-parameters are defined for the transmitter and receiver
interfaces. The transmitter and receiver are designed,
when operating within Recommended Operating Con-
ditions, to provide a robust eye-opening at the receiver
outputs. See the Recommended Operating Conditions
and the Receiver Electrical Characteristics for details.
Unused inputs and outputs should be terminated with
100 Ω differential loads.
The transmitter inputs support a wide common mode
range and DC blocking capacitors may not be needed –
none are shown in Figure 3. Depending on the common
mode range tolerance of the ASIC/SerDes inputs, DC
blocking capacitors may be required in series with the
receiver. Differential impedances are nominally 100 Ω.
The common mode output impedance for the receiver is
nominally 25 Ω while the nominal common mode input
impedance of the transmitter is 25 Ω.
Figure 4. Input Equalization
Frequency
No Equalization
Maximum Equalization
Transmitter Input Equalization
Transmitter inputs can be programmed for one of several
levels of equalization. See Figure 4. Different levels of
compensation can be selected to equalize skin-effect
losses across the host circuit board. See Tx Memory Map
01h Upper Page section addresses 228 - 233 for program-
ming details.


Similar Part No. - AFBR-810BEHZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
More results

Similar Description - AFBR-810BEHZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com