Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITA-5730-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ITA-5730-00A1E
Description  Intel짰 3rd Generation Core??i Processor Fanless System EN 50155 Certified Product for Railway Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ITA-5730-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ITA-5730-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. ITA-5730-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intelligent Transportation Platforms
Features
ITA-5730
Intel® 3rd Generation Core™ i Processor
Fanless System
EN 50155 Certified Product for Railway
Applications
ƒ Supports Intel® 3rd Generation processor with HM76
ƒ Fanless computer for railway vehicle applications, fully compliant with EN
50155
ƒ Satisfy temp. standard: EN 50155 TX (-40 ~ 70° C) and IEC 61373 body mount
class B
ƒ Compliant with EN 50121-3-2 EMC test standard
ƒ Ruggedized connectors (M12) used for communication and power ports
ƒ Optional PCI/miniPCIe slots for expansion
ƒ Support Easy-swap HDD/SSD/CF module
NEW
Specifications
System Chipset
CPU
Intel® Core™ i7-3555LE
Intel® Core™ i3-3217UE
Max Speed
2.5 GHz
1.6 GHz
L2 Cache
6 MB
3M
Chipset
Intel HM76
BIOS
AMI SPI 64 Mb
Memory
Technology
DDR3 1333/1600MHz
Max. Capacity
4G on board memory
Display
Chipset
Intel Integrated Graphics HD4000, support Direct x11
VGA/HDMI
VGA: 1 x DB15, max resolution up to 2048 x 1536
HDMI: 1 x HDMI, support HDMI1.4 standard, max to 1920 x 1200 @ 60Hz
LVDS/eDP
Built-in interface
Display option
Dual display: VGA+HDMI
Ethernet
Controller
Intel i210-IT
Interface
10/100/1000 Mbps
Connector
Up to 3 x M12 A-coded(F) 8-pin
Storage
HDD/SSD
Support 1 x 2.5” SSD/HDD Easy-Swap bay
Others
1 x mSATA slot on M/B
1 x Easy-Swap CF/SATA DOM Module
I/O (Others)
USB
2 x USB2.0 with M12 A-coded(F) 4-pin
4 x USB2.0 with Type A
2 x USB3.0 with Type A
Serial Port
2 x DB9, RS-232/422/485, Support auto-flow control
DIO
1 x DB9, 8-bit
VGA
1 x DB15
Audio
1 x DB9, 1 x Speaker-out with 2 x 4W Amp., 1 x Mic-in
PS2
1 x PS2
Expansion Slot
Mini PCIe
1 x Mini PCIe Socket (Full size)
1 x Mini PCIe Socket (Full/Half size)
PCI
1 x PCI32 33Mhz Slot
LED & Button
LED
1 x Power, 1 x Storage, 1 x Alert
Button
1 x Power on/off Switch
1 x Reset Button
Power
Input Voltage
DC 24V input compliant with EN50155 class S2/C1 (Optional DC 48/72/110V input)
Connector
1 x M12 A-coded(M) 4-pin
Watchdog Timer
Output
System reset
Interval
Programmable 1~255 sec/min
Environment
Operating (with Industrial SSD/CF)
Non-Operating
Temperature
-40 ~ 70° C
-40 ~ 85° C
Humidity
5% ~ 95% @ 40° C (Non-Condensing)
Mechanical
Dimension (W x H x D)
210 (W) x 240 (D) x 129 (H) (8.4" x 9.5" x 5.1")
253 (W) x 240 (D) x 133 (H) (10.0" x 9.5" x 5.3") with mounting bracket
Install
Desktop/Wall-mounting
Certification
EMC
CE/FCC Class A, CCC
Safety
UL, CB, CCC
EN 50155 Compliance
Ambient Temperature
EN 50155 TX (-40 ~ 70° C)
Shock and Vibration
IEC 61373 body mount class B
Interruptions of Voltage Supply
Class S2
Supply Change Over
Class C1
EMC
EN 50121-3-2
®
UL
RoHS
COMPLIANT
2002/95/EC
Last updated : 31-Mar-2015
All product specifications are subject to change without notice


Similar Part No. - ITA-5730-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITA-5730-00A1E ADVANTECH-ITA-5730-00A1E Datasheet
915Kb / 2P
   3rd Generation Intel Core i Fanless System
More results

Similar Description - ITA-5730-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITA-5831 ADVANTECH-ITA-5831_V01 Datasheet
1Mb / 2P
   Intel짰 6th Generation Core??i Processor Fanless System; EN 50155 Compliant for Railway Applications
6-Jan-2021
ITA-5231W ADVANTECH-ITA-5231W Datasheet
824Kb / 2P
   Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
24-Aug-2021
ITA-5231S ADVANTECH-ITA-5231S Datasheet
553Kb / 2P
   Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
24-Aug-2021
ITA-5231G ADVANTECH-ITA-5231G Datasheet
753Kb / 2P
   Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
25-Feb-2022
ITA-3630-00A1E ADVANTECH-ITA-3630-00A1E Datasheet
1,018Kb / 2P
   Intel짰 3rd Generation Core??i Processor Fanless System for Road Surveillance
ITA-5231 ADVANTECH-ITA-5231 Datasheet
629Kb / 2P
   Intel® 6th/7th Generation Processor Fanless System; EN 50155 Compliant for Railway Applications
25-Feb-2022
ITA-3630VS-00A1E ADVANTECH-ITA-3630VS-00A1E Datasheet
965Kb / 3P
   Intel짰 3rd Generation Core??i Processor Fanless Intelligent Video System for Road Surveillance
ARK-5420 ADVANTECH-ARK-5420_15 Datasheet
882Kb / 2P
   Intel짰 3rd Generation Core??i Processor Fanless System with PCIEx4 & PCI Slot
ARK-5420VS ADVANTECH-ARK-5420VS_15 Datasheet
1,013Kb / 3P
   Intel짰 3rd Generation Core??i Processor Fanless System with PCIEx4 & PCI Slot
ITA-3630 ADVANTECH-ITA-3630 Datasheet
1,018Kb / 2P
   Intel 3rd Generation Core i Processor Fanless System for Road Surveillance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com