Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-3120 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-3120
Description  12.1" Fanless Panel PC with Intel짰 Atom??D2550 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3120 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-3120_15 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3120_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PPC-3120
A
E
G
C
B
F
I
D
H
325.00
308.79
311.00
CUT OUT
58.40
12.00
I/O
A. MIC in
B. Line Out
C.USB 2.0 x 4
D.10/100/1000 Mbps Ethernet x 2
E. VGA Port
F. DIO Port
G.RS-232/422/485 x 1
H.RS-232 x 3
I. DC Inlet
Ordering Information
Part No.
Description
PPC-3120-RAE
Atom D2550 Fanless PPC with 12.1" XGA LED backlight,
touch, without memory
PS-DC19-L157E
19V power adapter module
1700001524
Power cord 3P UL 10A 125V 1.8m
170203183C
Power cord 3P Europe (WS-010+083)183cm
1700008921
Power cord 3P/3P Power supply 1.8M PSE
* PPC-174T-WL-MTE
Wall mount kit for PPC series
* PPC-ARM-A03
PPC ARM VESA Standard
* PPC-STAND-A1E
Stand For PPC Series (single acting hinge)
PPC-3100-VESAE
PPC-3100 VESA bracket module
PPC-WLAN-A1E
WiFi Module with Antenna Cable 28cm for PPC
PPC-3120-EXPE
Add-on box for PCI or PCIe expansion
(include PCI / PCIe riser card)
PPC-3120-USBE
Kit to install internal USB dongle for PPC-3120
2070012891
Image WES7P 32-bit Multi V4.12 PPC-3120/3100
2070011967
Image windows XPE WES2009 PPC-3120 V4.3 MUI SA
2070012979
Image WEC7 PPC-3120 V4.00 Eng
* If you order Wall mount kit / ARM / Desktop stand, please also order PPC-3100-VESAE
at the same time.
Dimensions
Unit: mm
Environment
Operating Temperature
0 ~ 50°C (32 ~ 122°F)
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class B
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant


Similar Part No. - PPC-3120_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3120-RE9A ADVANTECH-PPC-3120-RE9A Datasheet
390Kb / 2P
   12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120-RE9AU ADVANTECH-PPC-3120-RE9AU Datasheet
390Kb / 2P
   12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120-RE9B ADVANTECH-PPC-3120-RE9B Datasheet
390Kb / 2P
   12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120-RE9BU ADVANTECH-PPC-3120-RE9BU Datasheet
390Kb / 2P
   12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
   12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com