Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170203183C Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 170203183C
Description  12.1" Fanless Panel PC with Intel짰 Atom??D2550 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

170203183C Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  170203183C Datasheet HTML 1Page - Advantech Co., Ltd. 170203183C Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-3120
NEW
C ®
UL US
ƒ 12.1" TFT XGA LED Panel with resistive touchscreen
ƒ Embedded Intel® Atom™ processor D2550 1.86 GHz
ƒ System memory up to 4 GB DDR3 1066 SDRAM
ƒ Supports one internal SATA 2.5" HDD and 1 x mSATA socket
ƒ Optional PCI/PCIe x1 expansion kit
ƒ Fanless design and low power consumption
ƒ Automatic data flow control over RS-485
ƒ Adjust RS-232/422/485 through BIOS
ƒ COM1/COM2 pin9 RI/5V/12V adjustable through BIOS
ƒ Auto dimming LED backlight
12.1" Fanless Panel PC with Intel®
Atom™ D2550 Processor
Introduction
The PPC-3120 is a new 12.1" Panel PC equipped with an Intel Atom processor D2550. Meeting high demands of harsh environments, the fanless design makes PPC-3120 more reliable
in different kinds of applications for the machine building industry. In addition, the dual GbE LAN, 4 x serial ports, 4 x USB ports, and GPIO connector make it easier to connect to
devices and be integrated into specific solutions. With a user friendly design it comes with an LED indicator on the front panel for power on/off, storage access, and LAN active status.
Specifications
Processor System
CPU
Intel Atom D2550 1.86 GHz 10W Dual Core CPU on board
Memory
SODIMM x 1, DDR3 1066, Max 4 GB
2nd Cache Memory
1 MB
Chipset
Intel NM10
Storage
mSATA*1
HDD
1 x 2.5" SATA HDD Bay (Internal)
I/O Ports
4 x Serial ports: 3 x RS-232, 1x RS-232/422/485 (Adjustable through BIOS)
4 x USB 2.0 ports
1 x Line-out, 1x MIC-in
1 x DB15 VGA
1 x DB9 GPIO port (8 pin programable)
Bus Expansion
1x MINI PCI-e (Standard), 1 x PCI / 1 x PCI-e through riser (Optional)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet
Speaker
2 x 1W speakers
Watchdog Timer
255 timer levels; setup by software
Dimensions (W x H x D)
325 x 253.8 x 58.4 mm (12.79" x 10" x 2.3")
Weight
3.3 kg (7.27 lb)
OS Support
OS Support
Win XPE, Win XP Pro, WES7 32 bit, Win CE 7.0, Win 7
Power Supply
Input Voltage
DC 12 ~ 30 V
LCD Display
Display Type
12.1" TFT LCD (LED Backlight)
Max. Resolution
1024 x 768
Colors
16.2M
Dot Size (mm)
0.24 x 0.24
Viewing Angle
80 (left), 80 (right), 70 (up), 70 (down)
Luminance (cd/m2)
600
Brightness Control
Yes
Backlight Lifetime
50,000 hrs (typical)
Touchscreen
Touch Type
Analog Resistive 5-wire
Resolution
2048 x 2048
Light Transmission
81+/-3%
Controller
RS-232 interface
Software Driver Support
Windows 7, XP, CE
Durability (Touches)
36 million
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - 170203183C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
170203183C ADVANTECH-170203183C Datasheet
671Kb / 2P
   Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2 B key, 1 x mPCIe, and TPM 2.0
13-Jun-2022
170203183C ADVANTECH-170203183C Datasheet
398Kb / 2P
   6.5 Fanless Panel PC with AMD Geode??LX800 Processor
170203183C ADVANTECH-170203183C Datasheet
514Kb / 2P
   6.5 VGA Industrial Panel Mount Monitor
24-Jul-2020
170203183C ADVANTECH-170203183C Datasheet
3Mb / 4P
   NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
170203183C ADVANTECH-170203183C Datasheet
806Kb / 2P
   Ruggedized In-Vehicle AI Fanless System Based on NVIDIA® Jetson Xavier™ NX
19-May-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com