Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1702002605 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 1702002605
Description  12" Panel PC Supporting 4th Generation Intel짰 Core??i / Celeron짰 Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1702002605 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  1702002605 Datasheet HTML 1Page - Advantech Co., Ltd. 1702002605 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-6120
A
E
G
C
B
F
I
D
H
I/O
A. MIC in
B. Line Out
C.USB 3.0 x 4
D.10/100/1000 Mbps Ethernet x 2
E. VGA Port
F. Display Port
G.COM RS-232 x 4
H.DC Inlet
I. COM RS-422/485
Ordering Information
Part No.
Description
PPC-6120-RAE
12.1" 4th Generation Intel® Core™ i / Celeron Panel PC with
Resi. T/S
1702002600
Power Cable UL/CSA (USA) 180D 125V10A 1.83M
1702002605
Power Cable 90D 220V EUROPEAN 250V/6A 1.8M
* PPC-174T-WL-MTE
Wall mount kit for PPC series
* PPC-ARM-A03
PPC ARM VESA Standard
* PPC-STAND-A1E
Stand For PPC Series (single acting hinge)
PPC-3100-VESAE
PPC-3100 VESA bracket module
PPC-WLAN-A1E
WiFi Module with Antenna Cable 28cm for PPC
PPC-6120-EXPE
Add-on box for PCI or PCIe expansion (include PCI / PCIe
riser card)
PS-DC19-150AE
19V DC 150W Power Adapter Module For PPC Product
2070012966
Image WES7P 32-bit Multi V4.12 PPC-6120
2070013226
Image WES7P 64-bit Multi V4.12 PPC-6120
* if you order Wall mount kit / ARM / Desktop stand, please also order PPC-3100-VESAE at
the same time.
325.00
308.79
73.79
26.30
12.00
311.00
CUT OUT
CPU
4th Generation Intel® Core™ i / Celeron® Processor
(Thermal Design Power: 35W/45W)
Type
Frequency
Cache
TDP
I7-4770TE
2.3GHz
8M
45W
I5-4570TE
2.7GHz
4M
35W
I3-4330TE
2.4GHz
4M
35W
PENTIUM-G3320TE
2.3GHz
3M
35W
Celeron-1820TE
2.2GHz
2M
35W
I5-4590T
2.0GHz
6M
35W
I3-4350T
3.1GHz
4M
35W
I3-4340TE
2.6GHz
4M
35W
Supported CPUs
Environment
Operating Temperature
0 ~ 50°C (32 ~ 122°F)
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class A
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant


Similar Part No. - 1702002605

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1702002605 ADVANTECH-1702002605 Datasheet
520Kb / 2P
   12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
1702002605 ADVANTECH-1702002605 Datasheet
432Kb / 2P
   iFactory WebAccess Gateway
2-Sep-2020
1702002605 ADVANTECH-1702002605 Datasheet
671Kb / 2P
   1U High Performance Rackmount Server with 3rd Gen. Intel® Xeon® Scalable processors
31-Mar-2021
1702002605 ADVANTECH-1702002605 Datasheet
286Kb / 2P
   12 Panel PC with Intel짰 Core??2 Duo Processor
1702002605 ADVANTECH-1702002605 Datasheet
405Kb / 2P
   31.5" Open-frame panel PC UTC-232F with Intel® Core™ i5-6300U UTC-232G with Intel® Pentium® N4200
13-Sep-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com