Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX232E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX232E
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX232E Datasheet HTML 5Page - Maxim Integrated Products MAX232E Datasheet HTML 6Page - Maxim Integrated Products MAX232E Datasheet HTML 7Page - Maxim Integrated Products MAX232E Datasheet HTML 8Page - Maxim Integrated Products MAX232E Datasheet HTML 9Page - Maxim Integrated Products MAX232E Datasheet HTML 10Page - Maxim Integrated Products MAX232E Datasheet HTML 11Page - Maxim Integrated Products MAX232E Datasheet HTML 12Page - Maxim Integrated Products MAX232E Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
_______________________________________________________________________________________
9
±15kV ESD-Protected, +5V RS-232 Transceivers
V+
MAX2_ _E
0.1µF
*
VCC
0.1µF
*
T_
R_
0.1µF
*
C1+
C1-
C2+
C2-
VCC
T_OUT
R_OUT
EN (EN)
SHDN (SHDN)
400k
5k
0.1µF
*
0.1µF
*
3k
+5V
R_IN
T_IN
MINIMUM SLEW-RATE TEST CIRCUIT
0V (+5V)
0V (+5V)
2500pF
V-
V+
0.1µF
*
VCC
0.1µF
*
R_
T_
0.1µF
*
C1+
C1-
C2+
C2-
VCC
T_OUT
R_OUT
EN (EN)
SHDN (SHDN)
400k
5k
0.1µF
*
0.1µF
*
7k
+5V
R_IN
T_IN
MAXIMUM SLEW-RATE TEST CIRCUIT
0V (+5V)
0V (+5V)
50pF
V-
( ) ARE FOR MAX213E
* 1µF FOR MAX232E/MAX241E
MAX2_ _E
TRANSMITTER INPUT PULL-UP RESISTORS, ENABLE, AND SHUTDOWN ARE NOT PROVIDED ON THE MAX202E, MAX203E, AND MAX232E.
ENABLE AND SHUTDOWN ARE NOT PROVIDED ON THE MAX207E AND MAX208E.
Figure 3. Transition Slew-Rate Circuit
_______________Detailed Description
The MAX202E–MAX213E, MAX232E/MAX241E consist of
three sections: charge-pump voltage converters,
drivers (transmitters), and receivers. These E versions
provide extra protection against ESD. They survive
±15kV discharges to the RS-232 inputs and outputs,
tested using the Human Body Model. When tested
according to IEC1000-4-2, they survive ±8kV contact-
discharges and ±15kV air-gap discharges. The rugged
E versions are intended for use in harsh environments
or applications where the RS-232 connection is
frequently changed (such as notebook computers). The
standard (non-“E”) MAX202, MAX203, MAX205–
MAX208, MAX211, MAX213, MAX232, and MAX241 are
recommended for applications where cost is critical.
+5V to ±10V Dual Charge-Pump
Voltage Converter
The +5V to ±10V conversion is performed by dual
charge-pump voltage converters (Figure 4). The first
charge-pump converter uses capacitor C1 to double
the +5V into +10V, storing the +10V on the output filter
capacitor, C3. The second uses C2 to invert the +10V
into -10V, storing the -10V on the V- output filter
capacitor, C4.
In shutdown mode, V+ is internally connected to VCC by
a 1kΩ pull-down resistor, and V- is internally connected
to ground by a 1kΩ pull up resistor.
RS-232 Drivers
With VCC = 5V, the typical driver output voltage swing
is ±8V when loaded with a nominal 5kΩ RS-232
receiver. The output swing is guaranteed to meet
EIA/TIA-232E and V.28 specifications that call for ±5V
minimum output levels under worst-case conditions.
These include a 3kΩ load, minimum VCC, and
maximum operating temperature. The open-circuit
output voltage swings from (V+ - 0.6V) to V-.
Input thresholds are CMOS/TTL compatible. The
unused drivers’ inputs on the MAX205E–MAX208E,
MAX211E, MAX213E, and MAX241E can be left
unconnected because 400kΩ pull up resistors to VCC
are included on-chip. Since all drivers invert, the pull up
resistors force the unused drivers’ outputs low. The
MAX202E, MAX203E, and MAX232E do not have pull
up resistors on the transmitter inputs.


Similar Part No. - MAX232E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232E TI-MAX232E Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
logo
Maxim Integrated Produc...
MAX232E MAXIM-MAX232E Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Texas Instruments
MAX232E TI-MAX232E Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
More results

Similar Description - MAX232E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com