Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC-1071H-D3AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TPC-1071H-D3AE
Description  10.4" SVGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1071H-D3AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-1071H-D3AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1071H-D3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
TPC-1071H
Panel Cut-out Dimensions: 279.5 x 219.5mm (11.00" x 8.64")
Ordering Information
ƒ
TPC-1071H-D3AE
10.4" SVGA Touch Panel PC, D525 1.8 GHz, 4GB
Accessories
ƒ
PWR-247-BE
63W DC 24V/2.62A Output Power Supply
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
ƒ
EWM-W151H01E
802.11bgn RTL8188EE 1T1R, Half-size Mini-PCIe
(also need 9656EWMG00E)
ƒ
9656EWMG00E
Half-size miniPCIe to Full-size miniPCIe bracket set
ƒ
1750000318
EMI Antenna 2DBI 2.4GHz SMA CONN for ARK-3384
ƒ
1750003222
802.11b/g 5dBi Dipole Antenna
ƒ
1750003418
Wireless Antenna AN2400-5901RS R/P SMA.M9dB
ƒ
TPC-1000H-WMKE
TPC VESA Mounting Kit from 10" to 17" TPC
ƒ
TPC-1000H-SMKE
TPC Stand kit from 10" to 17" TPC
ƒ
1750000318
EMI Antenna 2DBI 2.4GHz SMA CONN for ARK-3384
ƒ
1750003222
802.11b/g 5dBi Dipole Antenna
ƒ
1750003418
Wireless Antenna AN2400-5901RS R/P SMA.M9dB
* VESA support via a wall mounting kit
Automation S/W & Embedded O/S
ƒ
2070012784
WES7P MUI. V4.10 B001 X64 for TPC-1071H
ƒ
2070011506
WES 2009 MUI V3.31 B003 for TPC-1071H
ƒ
2070012397
WinCE 6.0 MUI V3.03 B256 for TPC-1071H
ƒ
968WEXP003X
PanelExpress V2.0 300 tags S/W license
ƒ
968WEXP015X
PanelExpress V2.0 1500 tags S/W license
ƒ
968WEXP050X
PanelExpress V2.0 5000 tags S/W license
ƒ
968WEXP2USB
PanelExpress V2.0 S/W USB dongle
Application Software
Version: V2.1 or above
An innovative remote device management software,
allowing efficient remote monitoring, quick recovery &
backup, and real-time remote configuration, to create a
more intelligent and interconnected embedded computing
solution.
Version: V7.1 or above
WebAccess, as the core of Advantech’s IoT solution, is full
web browser-based software package for HMI and SCADA
software. All HMI and SCADA software features including:
Animated Graphics Displays, Real-time Data, Control,
Trends, Alarms and Logs, are available in a standard web
browser. WebAccess is built around the latest internet
technologies. With its open architecture, vertical domain
applications can easily be integrated.
Version: V2.0.3.8 or above
Panel Express, a windows based HMI mini SCADA, realizes
the cross platform flexibility offered by WebOP Designer
to switch hardware for the consideration of cost and
performance become an easy job. Panel Express software
provides the best economic and express solution for data
intensive high-end HMI applications.
Version: V2.0.3.8 or above
An easy to use integrated development tool featuring
solution-oriented screen objects, high-end graphics,
Windows fonts for multi-language applications. WebOP
runtime, a part of WebOP Designer, guarantees reliability
and performance because of the minimum system
overhead, high communication data rates, and sub-second
screen switching.
287.4
73.30
278.7
26REF
214


Similar Part No. - TPC-1071H-D3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1070H ADVANTECH-TPC-1070H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
TPC-1070H-C1E ADVANTECH-TPC-1070H-C1E Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
TPC-1070H-SMKE ADVANTECH-TPC-1070H-SMKE Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
TPC-1070H-WMKE ADVANTECH-TPC-1070H-WMKE Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
TPC-107W ADVANTECH-TPC-107W Datasheet
577Kb / 2P
   7"/10.1"/15.6" Touch Panel Computer with ARM Cortex™-A53 Processor
7-Sep-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com