Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX202EEUE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX202EEUE
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202EEUE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX202EEUE Datasheet HTML 3Page - Maxim Integrated Products MAX202EEUE Datasheet HTML 4Page - Maxim Integrated Products MAX202EEUE Datasheet HTML 5Page - Maxim Integrated Products MAX202EEUE Datasheet HTML 6Page - Maxim Integrated Products MAX202EEUE Datasheet HTML 7Page - Maxim Integrated Products MAX202EEUE Datasheet HTML 8Page - Maxim Integrated Products MAX202EEUE Datasheet HTML 9Page - Maxim Integrated Products MAX202EEUE Datasheet HTML 10Page - Maxim Integrated Products MAX202EEUE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
_______________________________________________________________________________________
7
±15kV ESD-Protected, +5V RS-232 Transceivers
MAX208E
________________________________________________Pin Descriptions (continued)
MAX206E
MAX207E
V+
NAME
FUNCTION
+2VCC generated by the charge pump
T_OUT
RS-232 Driver Outputs
11
R_IN
RS-232 Receiver Inputs
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
PIN
1, 2, 3, 24
4, 16, 23
T_IN
TTL/CMOS Driver Inputs. Internal pull-ups to VCC.
GND
Ground
VCC
+4.5V to +5.5V Supply Voltage
C1+, C1-
Terminals for positive charge-pump capacitor
5, 17, 22
6, 7, 18, 19
8
9
10, 12
EN
Receiver Enable—active low
20
C2+, C2-
Terminals for negative charge-pump capacitor
V-
-2VCC generated by the charge pump
13, 14
15
SHDN
Shutdown Control—active high
21
V+
NAME
FUNCTION
+2VCC generated by the charge pump
T_OUT
RS-232 Driver Outputs
11
R_IN
RS-232 Receiver Inputs
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
PIN
1, 2, 3, 20, 24
4, 16, 23
T_IN
TTL/CMOS Driver Inputs. Internal pull-ups to VCC.
GND
Ground
C2+, C2-
VCC
+4.75V to +5.25V Supply Voltage
Terminals for negative charge-pump capacitor
C1+, C1-
Terminals for positive charge-pump capacitor
5, 17, 22
6, 7, 18, 19, 21
8
V-
-2VCC generated by the charge pump
13, 14
15
9
10, 12
V+
NAME
FUNCTION
+2VCC generated by the charge pump
T_OUT
RS-232 Driver Outputs
11
R_IN
RS-232 Receiver Inputs
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
PIN
1, 2, 20, 24
3, 7, 16, 23
T_IN
TTL/CMOS Driver Inputs. Internal pull-ups to VCC.
GND
Ground
C2+, C2-
VCC
+4.5V to +5.5V Supply Voltage
Terminals for negative charge-pump capacitor
C1+, C1-
Terminals for positive charge-pump capacitor
4, 6, 17, 22
5, 18, 19, 21
8
V-
-2VCC generated by the charge pump
13, 14
15
9
10, 12


Similar Part No. - MAX202EEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202EEUE MAXIM-MAX202EEUE Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202EEUE AD-MAX202EEUE Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results

Similar Description - MAX202EEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com