Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2660EUT-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2660EUT-T
Description  400MHz to 2.5GHz Upconverter Mixers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2660EUT-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2660EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2660EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2660EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2660EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX2660EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX2660EUT-T Datasheet HTML 10Page - Maxim Integrated Products MAX2660EUT-T Datasheet HTML 11Page - Maxim Integrated Products MAX2660EUT-T Datasheet HTML 12Page - Maxim Integrated Products MAX2660EUT-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
400MHz to 2.5GHz Upconverter Mixers
_______________________________________________________________________________________
9
0
200
100
500
400
300
600
700
800
900
0
500
1000
1500
2000
2500
MAX2663
RF PORT IMPEDANCE vs. RF FREQUENCY
MAX2663toc08
RF FREQUENCY (MHz)
IMAGINARY
REAL
-1000
-800
-900
-500
-600
-700
-400
-300
-200
-100
0
5
15
10
20
25
30
35
500
1000
1500
2000
2500
MAX2663
LO-TO-RF AND RF-TO-LO ISOLATION
vs. LO AND RF FREQUENCY
LO AND RF FREQUENCY (MHz)
RF-TO-LO ISOLATION
POWER INTO RF PORT = -25dBm
LO-TO-RF ISOLATION
POWER INTO LO PORT = -5dBm
900MHz
1900MHz
2450MHz
970MHz
1830MHz
2210MHz
70MHz
70MHz
240MHz
fRF
fLO
fIF
-50
-20
-30
-40
-10
0
10
-25
-35
-45
-15
-5
5
-50
-30
-40
-20
-10
0
-45
-25
-35
-15
-5
MAX2663
CONVERSION GAIN AND OUTPUT
POWER vs. IF INPUT POWER
IF INPUT POWER (dBm)
900MHz
1900MHz
2450MHz
fRF
970MHz
1830MHz
2210MHz
fLO
70MHz
70MHz
240MHz
fIF
fRF = 900MHz
fRF = 1900MHz
fRF = 2450MHz
fRF = 900MHz
fRF = 1900MHz
fRF = 2450MHz
CONVERSION GAIN
OUTPUT
POWER
8
10
9
12
11
13
14
2.5
3.5
4.0
3.0
4.5
5.0
5.5
MAX2671
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
0
6
4
2
8
10
12
0
200
150
50 100
250 300 350 400 450 500
MAX2671
CONVERSION GAIN vs. IF FREQUENCY
IF FREQUENCY (MHz)
900MHz
1900MHz
2450MHz
fRF
fIF = fLO - fRF
fIF = fRF - fLO
fIF = fRF - fLO
fIF
fRF = 2450MHz
fRF = 1900MHz
fRF = 900MHz
0
3
2
1
4
5
6
7
8
9
10
2.5
3.5
3.0
4.0
4.5
5.0
5.5
MAX2671
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +25°C
TA = +85°C
SHDN = GND
TA = -40°C
-4
-2
4
2
0
6
8
10
12
0
1000
500
1500
2000
2500
3000
MAX2671
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
400MHz
900MHz
1900MHz
2450MHz
RF MATCH
45MHz
70MHz
70MHz
240MHz
fIF
fRF = fLO - fIF
fRF = fLO - fIF
fRF = fLO + fIF
fRF = fLO + fIF
fRF
VCC = +5.5V
VCC = +2.7V
-8
-6
-4
-2
4
0
2
8
10
6
12
-35
-25 -20 -15
-30
-10
-5
0
5
10
MAX2671
CONVERSION GAIN vs. LO POWER
LO INPUT POWER (dBm)
fRF = 2450MHz
fRF = 900MHz
fRF = 1900MHz
900MHz
1900MHz
2450MHz
970MHz
1830MHz
2210MHz
70MHz
70MHz
240MHz
fRF
fLO
fIF
-18
-14
-16
-10
-12
-6
-8
-4
0
-2
2
250
800
1350
1900
2450
3000
MAX2671
LO PORT RETURN LOSS vs. LO FREQUENCY
LO FREQUENCY (MHz)
Typical Operating Characteristics (continued)
(VCC = SHDN = +3.0V, Typical Operating Circuits, PLO = -5dBm (MAX2660/MAX2661/MAX2663), PLO = -10dBm (MAX2671/MAX2673),
PIFIN = -30dBm, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2660EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2660EVKIT MAXIM-MAX2660EVKIT Datasheet
98Kb / 6P
   Easy Evaluation of All Product Functions Evaluation Kits
Rev 1; 9/99
MAX2660EVKIT-T MAXIM-MAX2660EVKIT-T Datasheet
98Kb / 6P
   Easy Evaluation of All Product Functions Evaluation Kits
Rev 1; 9/99
More results

Similar Description - MAX2660EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680EUT MAXIM-MAX2680EUT Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
logo
Mini-Circuits
K1-LAT MINI-K1-LAT Datasheet
303Kb / 1P
   DC to 2.5GHz
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
   Clock frequency up to 400MHz
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
   UPCONVERTER MODULATOR
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com