Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2684EUE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2684EUE
Description  3.5GHz Downconverter Mixers with Selectable LO Doubler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2684EUE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2684EUE Datasheet HTML 7Page - Maxim Integrated Products MAX2684EUE Datasheet HTML 8Page - Maxim Integrated Products MAX2684EUE Datasheet HTML 9Page - Maxim Integrated Products MAX2684EUE Datasheet HTML 10Page - Maxim Integrated Products MAX2684EUE Datasheet HTML 11Page - Maxim Integrated Products MAX2684EUE Datasheet HTML 12Page - Maxim Integrated Products MAX2684EUE Datasheet HTML 13Page - Maxim Integrated Products MAX2684EUE Datasheet HTML 14Page - Maxim Integrated Products MAX2684EUE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
3.5GHz Downconverter Mixers
with Selectable LO Doubler
______________________________________________________________________________________
11
Pin Description
IF PORT S11 vs. RBIAS
1.2k
Ω,
2k
Ω, 820kΩ
MAX2684
NAME
FUNCTION
1
VCC
Supply Voltage Input. Bypass with a 100pF capacitor as close to the pin as possible.
2, 3, 5, 9,
10, 12, 13,
15, EP
GND
Ground. Connect to ground plane with a low-inductance connection. Solder exposed paddle
evenly to the board ground plane.
PIN
4
RFIN
RF Input Port to Mixer. Requires a matching network and a DC-blocking capacitor that may be part
of this network.
6
ENX2
LO Frequency-Doubler Enable Input. Drive low to enable the LO doubler and run external LO at
half frequency. Drive high to disable the LO doubler and run external LO at full frequency.
16
BIAS
Bias-Setting Resistor Connection. A resistor, RBIAS, placed from BIAS to GND sets the linearity and
supply current of the mixer.
11, 14
IFOUT-,
IFOUT+
Differential, Open-Collector IF Output Ports of Mixer. Requires a matching network and pull-up
inductors to VCC that can be part of this network.
8
LOX1
Full-Frequency Local-Oscillator Input to Downconverter Mixer. Requires a DC-blocking capacitor.
Leave unconnected if this pin is not used.
7
LOX2
Half-Frequency Local-Oscillator Input to LO Frequency Doubler, LO Filter, and Downconverter
Mixer. Requires a DC-blocking capacitor. Leave unconnected if this pin is not used.
RFIN S11 vs. RBIAS
2k
Ω,
1.2k
Ω, 820kΩ
Typical Operating Characteristics (continued)
(MAX2683/MAX2684 EV kit, VCC = +5V, RBIAS = 1.2k
Ω, ENX2 = GND, fRF = 3.6GHz, PRF = -20dBm, fLOX2 = 1650MHz for MAX2683 or
fLOX2 = 1350MHz for MAX2684, PLO = -5dBm, all input/output ports terminated in 50
Ω, IFOUT+ and IFOUT- matched to single-ended
50
Ω load, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2684EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX268 MAXIM-MAX268 Datasheet
2Mb / 24P
   Pin Programmable Universal and Bandpass Filters
19-0597; Rev 3; 7/98
MAX268 MAXIM-MAX268 Datasheet
4Mb / 28P
   Pin Programmable Universal and Bandpass Filters
Rev 4; 12/07
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2680 MAXIM-MAX2680 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
More results

Similar Description - MAX2684EUE

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC441 MICROSS-HMC441 Datasheet
986Kb / 11P
   LO Driver for HMC Mixers
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
   Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
Maxim Integrated Produc...
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680EUT MAXIM-MAX2680EUT Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
Hittite Microwave Corpo...
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
logo
American Accurate Compo...
JXMBSG-T-3.5-01-C AAC-JXMBSG-T-3.5-01-C Datasheet
441Kb / 2P
   3.5GHz Cavity Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com