Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3245 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74CBTLV3245
Description  8-bit bus switch with output enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3245 Datasheet(HTML) 4 Page - NXP Semiconductors

  74CBTLV3245_15 Datasheet HTML 1Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74CBTLV3245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 15 December 2011
4 of 18
NXP Semiconductors
74CBTLV3245
8-bit bus switch with output enable
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
7.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SSOP20 and TSSOP20 packages: above 60
C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN20 packages: above 60
C the value of P
tot derates linearly at 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
nc
1
not connected
A1 to A8
2, 3, 4, 5, 6, 7, 8, 9
data input/output (A port)
GND
10
ground (0 V)
B1 to B8
18, 17, 16, 15, 14, 13, 12, 11
data input/output (B port)
OE
19
output enable input (active LOW)
VCC
20
positive supply voltage
Table 3.
Function selection[1]
Input
Input/output
OE
An, Bn
LAn = Bn
HZ
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
VI
input voltage
[1]
0.5
+4.6
V
VSW
switch voltage
enable and disable mode
[1]
0.5
VCC + 0.5
V
IIK
input clamping current
VI < 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V
50
-
mA
ISW
switch current
VSW = 0 V to VCC
-
128
mA
ICC
supply current
-
+100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto+125 C
[2] -
500
mW


Similar Part No. - 74CBTLV3245_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
logo
Texas Instruments
74CBTLV3245ADBQRE4 TI-74CBTLV3245ADBQRE4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADBQRG4 TI-74CBTLV3245ADBQRG4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADGVRE4 TI-74CBTLV3245ADGVRE4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADGVRG4 TI-74CBTLV3245ADGVRG4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results

Similar Description - 74CBTLV3245_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
logo
NXP Semiconductors
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
   8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
   10-bit bus switch with output enable
Rev. 1-19 August 2010
74CBTLV3861 PHILIPS-74CBTLV3861_15 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com