Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3537 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 5 Page - International Rectifier

  IR3537_15 Datasheet HTML 1Page - International Rectifier IR3537_15 Datasheet HTML 2Page - International Rectifier IR3537_15 Datasheet HTML 3Page - International Rectifier IR3537_15 Datasheet HTML 4Page - International Rectifier IR3537_15 Datasheet HTML 5Page - International Rectifier IR3537_15 Datasheet HTML 6Page - International Rectifier IR3537_15 Datasheet HTML 7Page - International Rectifier IR3537_15 Datasheet HTML 8Page - International Rectifier IR3537_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
5
IR3537 
CHL8510
12V High Performance Gate Driver 
ABSOLUTE MAXIMUM RATINGS 
BOOT 
+35.0V reference to GND, 
+15V reference to SWITCH 
PWM 
+7.0V 
VCC, HVCC 
+15.0V  
LVCC 
VCC+0.7Vdc to a maximum of +15.0V 
LO_GATE 
DC: ‐0.3V to <0.3V above Vcc, 
<200ns: ‐2V to <0.3V above Vcc 
GND 
0V+/‐ 0V 
SWITCH 
DC: ‐0.3V to +15V, <20nS: 25V, <5nS: ‐10V,  
<20 ns: ‐4Vdc and <200 ns: ‐2Vdc 
HI_GATE 
DC: SWITCH – 0.3V to 0.3V above VBOOT, 
<200ns: SWITCH – 2V to 0.3V above VBOOT 
MODE 
‐0.3V to +15.0V 
ESD – Charged Device Model JESD22‐C101‐C 
Passes +/‐1000V 
THERMAL INFORMATION 
Thermal Resistance (θJC
3°C/W 
Thermal Resistance (θJA)
45°C/W 
Maximum Operating Junction Temperature 
150°C 
Maximum Storage Temperature Range ‐65°C to 150°C 
Maximum Lead Temperature (Soldering 10s) 
300°C 
 
Note 1: θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings 
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the 
specifications are not implied.


Similar Part No. - IR3537_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3537MTR IRF-IR3537MTR Datasheet
689Kb / 15P
   12V High Performance Gate Driver
IR3537MTR1PBF IRF-IR3537MTR1PBF Datasheet
689Kb / 15P
   12V High Performance Gate Driver
IR3537MTRPBF IRF-IR3537MTRPBF Datasheet
689Kb / 15P
   12V High Performance Gate Driver
More results

Similar Description - IR3537_15

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
   Input Under-Voltage Protection
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com