Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2721EUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2721EUP
Description  1.7GHz to 2.5GHz, Direct I/Q Modulator with VGA and PA Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2721EUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2721EUP Datasheet HTML 4Page - Maxim Integrated Products MAX2721EUP Datasheet HTML 5Page - Maxim Integrated Products MAX2721EUP Datasheet HTML 6Page - Maxim Integrated Products MAX2721EUP Datasheet HTML 7Page - Maxim Integrated Products MAX2721EUP Datasheet HTML 8Page - Maxim Integrated Products MAX2721EUP Datasheet HTML 9Page - Maxim Integrated Products MAX2721EUP Datasheet HTML 10Page - Maxim Integrated Products MAX2721EUP Datasheet HTML 11Page - Maxim Integrated Products MAX2721EUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1.7GHz to 2.5GHz, Direct I/Q Modulator with
VGA and PA Driver
8
_______________________________________________________________________________________
-60
10
10,000
1000
100
MODULATOR OUTPUT POWER
vs. INPUT LEVEL (TA = +25
°C)
10
-30
-40
-50
0
-10
-20
INPUT LEVEL (mVp-p)
VPC = 2.5V
VPC = 2.0V
VPC = 1.5V
VPC = 1.0V
VPC = 0.5V
-60
10
10,000
1000
100
MODULATOR OUTPUT POWER
vs. INPUT LEVEL (TA = +85°C)
10
-30
-40
-50
0
-10
-20
INPUT LEVEL (mVp-p)
VPC = 2.5V
VPC = 2.0V
VPC = 1.5V
VPC = 1.0V
VPC = 0.5V
-20
-15
-30
-25
15
10
0
-5
-10
5
20
25
1.0
0
0.5
1.5
2.0
2.5
3.0
MODULATOR OUTPUT IP3
vs. PC VOLTAGE
PC VOLTAGE (V)
TA = +25
°C
TA = -40
°C
TA = +85
°C
1.0
1.2
1.6
2.0
2.4
2.8
850
890
930
970
1010
1050
FREQUENCY (MHz)
LO PORT VSWR
vs. LO FREQUENCY (ENX2 = GND)
1.0
1.4
1.8
2.0
2.4
2.8
1700
1780
1860
1940
2020
2100
FREQUENCY (MHz)
LO PORT VSWR
vs. LO FREQUENCY (ENX2 = VCC)
Typical Operating Characteristics (continued)
(MAX2720/MAX2721 EV Kit, VCC = +3.0V, SHDN = VCC, ENX2 = GND, VPC = 2.5V, input I/Q signals driven in quadrature, from a
1k
Ω source impedance, single-ended, fI+ = fQ+ = 500kHz, VI+ = VQ+ = 200mVp-p, PLO = -13dBm, fLO = 950MHz (MAX2720), fLO =
1157.5MHz (MAX2721), PDRIN = -12dBm, fDRIN = 1900MHz (MAX2720), fDRIN = 2315MHz (MAX2721), MODOUT and DROUT ports
are matched to a 50
Ω load, TA = +25°C, unless otherwise noted.) (Note 1)
MAX2720
-60
10
10,000
1000
100
MODULATOR OUTPUT POWER
vs. INPUT LEVEL (TA = -40
°C)
10
-30
-40
-50
0
-10
-20
INPUT LEVEL (mVp-p)
VPC = 2.5V
VPC = 2.0V
VPC = 1.5V
VPC = 1.0V
VPC = 0.5V


Similar Part No. - MAX2721EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX270 MAXIM-MAX270 Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX2700ECM MAXIM-MAX2700ECM Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX2701ECM MAXIM-MAX2701ECM Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX270CPP MAXIM-MAX270CPP Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
More results

Similar Description - MAX2721EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2395 MAXIM-MAX2395 Datasheet
219Kb / 13P
   WCDMA Quasi-Direct Modulator with VGA and PA Driver
Rev 3; 1/09
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_06 Datasheet
89Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_1 Datasheet
186Kb / 10P
   2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
Merrimac Industries, In...
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
   I&Q MODULATOR
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
   I&Q Modulator
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
   I&Q Modulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com