Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2740 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2740
Description  Integrated GPS Receiver and Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2740 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2740 Datasheet HTML 1Page - Maxim Integrated Products MAX2740 Datasheet HTML 2Page - Maxim Integrated Products MAX2740 Datasheet HTML 3Page - Maxim Integrated Products MAX2740 Datasheet HTML 4Page - Maxim Integrated Products MAX2740 Datasheet HTML 5Page - Maxim Integrated Products MAX2740 Datasheet HTML 6Page - Maxim Integrated Products MAX2740 Datasheet HTML 7Page - Maxim Integrated Products MAX2740 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Integrated GPS Receiver and Synthesizer
_______________________________________________________________________________________
5
Pin Description (continued)
Figure 1. Typical Application Circuit
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
/2
/6
/8
PFD
/6
20MHz
TO DSP
VCC
AGC
GAIN SET
MAX4122
MAX4122
MAX2740
PIN
NAME
FUNCTION
43
RFMIX_OUT-
RF Mixer Inverted Input (same as RFMIX_OUT+)
44
RFMIX_OUT+
Open Emitter Output of the RF Downconverter. This pin requires an external pull-down resistor of
1.2k
Ω to establish the correct on-chip bias conditions. Requires a blocking capacitor.
45
VCC_RFMIX
Supply Voltage Pin for RF Downconverter. This pin requires external decoupling of typically
100pF.
46
RFMIX_IN
Input to RF Mixer. Requires a blocking capacitor that may be used as part of the match network.
48
LNA_OUT
LNA Output. Requires a pull-up inductor and a blocking capacitor. These may be configured as
the matching network.


Similar Part No. - MAX2740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2740 MAXIM-MAX2740 Datasheet
384Kb / 8P
   Evaluation Kit
Rev 0; 7/00
MAX2740EVKIT MAXIM-MAX2740EVKIT Datasheet
384Kb / 8P
   Evaluation Kit
Rev 0; 7/00
MAX2740 MAXIM-MAX2740_1 Datasheet
384Kb / 8P
   Evaluation Kit
Rev 0; 7/00
More results

Similar Description - MAX2740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2741 MAXIM-MAX2741 Datasheet
239Kb / 12P
   Integrated L1-Band GPS Receiver
Rev 0; 1/05
MAX2741 MAXIM-MAX2741_V01 Datasheet
582Kb / 13P
   Integrated L1-Band GPS Receiver
2014
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
logo
List of Unclassifed Man...
EZGPM01 ETC-EZGPM01 Datasheet
387Kb / 10P
   GPS RECEIVER
GPS100 ETC2-GPS100 Datasheet
103Kb / 4P
   GPS Receiver
logo
Semtech Corporation
RGPSM002 SEMTECH-RGPSM002 Datasheet
978Kb / 26P
   GPS Receiver
logo
Analog Devices
ADF4360-2 AD-ADF4360-2_12 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-5 AD-ADF4360-5_15 Datasheet
695Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-6 AD-ADF4360-6_15 Datasheet
320Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-7 AD-ADF4360-7_15 Datasheet
360Kb / 28P
   Integrated Synthesizer and VCO
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com