Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3861 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74CBTLV3861
Description  10-bit bus switch with output enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3861 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74CBTLV3861_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 10Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 11Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 12Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 13Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 14Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74CBTLV3861
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 December 2011
11 of 18
NXP Semiconductors
74CBTLV3861
10-bit bus switch with output enable
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 17. Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
2.3 V to 2.7 V
30 pF
500
open
GND
2VCC
3.0 V to 3.6 V
50 pF
500
open
GND
2VCC


Similar Part No. - 74CBTLV3861_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3861BQ NEXPERIA-74CBTLV3861BQ Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
logo
Integrated Device Techn...
74CBTLV3861PPG IDT-74CBTLV3861PPG Datasheet
228Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
74CBTLV3861PPG IDT-74CBTLV3861PPG Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
74CBTLV3861PPG8 IDT-74CBTLV3861PPG8 Datasheet
228Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
74CBTLV3861PPG8 IDT-74CBTLV3861PPG8 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
More results

Similar Description - 74CBTLV3861_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
logo
NXP Semiconductors
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
   10-bit bus switch with output enable
Rev. 1-19 August 2010
logo
Nexperia B.V. All right...
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
74CBTLV3245 PHILIPS-74CBTLV3245_15 Datasheet
163Kb / 18P
   8-bit bus switch with output enable
Rev. 2-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com