Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KVM-9006 Datasheet(PDF) 1 Page - Level One

Part # KVM-9006
Description  USB Cat.5 KVM Extender
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

KVM-9006 Datasheet(HTML) 1 Page - Level One

  KVM-9006 Datasheet HTML 1Page - Level One KVM-9006 Datasheet HTML 2Page - Level One KVM-9006 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

USB Cat.5 KVM Extender
KVM-9006
The KVM Cat.5 USB Extender Kit is a pair of devices
(Transmitter and Receiver) for high-density
applications where you want full use of the keyboard,
mouse, and monitor, but there is no room for a server
nearby.
It allows users to access a computer, server or KVM
switch up to 150m away. Or for applications where
you want to put all computers in a safe place, all that is
needed on the desktop is a single keyboard, monitor,
and mouse.
KVM-9006 has auto-adjustable RGB gain/delay control
capability for superior video performance. On the
local console it supports resolution of up to 1920 x
1440 and on the remote side it supports 1280 x 1024.
This makes KVM cat.5 USB Extender and excellent
solution for increase your productivity while helping
reduce desktop space.
Key Features
- A single, inexpensive Cat.5/5e/6 UTP cable replaces
bulky KVM cables
- Locate Cat.5 console up to 150m away from the
KVM switch with superior auto-adjust RGB signals
capability
- Collocate computers and servers on one location,
ideal for hazardous or unsecured environments
- Switch computers by push button or hotkey
commands
- Audible feedback when switching
- LED indicators for computer status or data
transmission
- 3-in-1 space saving design
- Work with PS/2 or USB computer
- Easy to install and use with plug-and play
functionality
KVM-9005
KVM Cat.5 Extender Kit
Related
1. USB2.0 Console
2. Local/Remote LEDs
3. Power/Status LEDs
4. Power Jack
5. RJ-45 Port
6. Console Port
7. Local Host Port
H/W Version: 1
KVM-9007
KVM Cat.5 Console Receiver
KVM-9006(Receiver)
KVM-9006(Transmitter)
7
6
5
4
7
6
5
4
3
1
2
1


Similar Part No. - KVM-9006

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
KVM-9000 BOSER-KVM-9000 Datasheet
105Kb / 1P
   19" 1U High, Full-size Rackmount 8-port/16-port KVM Switch with 15" LCD, keyboard, Touchpad
KVM-9000 BOSER-KVM-9000 Datasheet
672Kb / 24P
   19??1U High, Full-size Rackmount Chassis
KVM-9000 BOSER-KVM-9000_1 Datasheet
672Kb / 24P
   19??1U High, Full-size Rackmount Chassis
More results

Similar Description - KVM-9006

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
HVE-9200P LVL1-HVE-9200P Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9211 LVL1-HVE-9211 Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9211R LVL1-HVE-9211R Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9100 LVL1-HVE-9100 Datasheet
309Kb / 2P
   HDMI over Cat.5 Extender Kit, 300m
logo
Tripp Lite. All Rights ...
0DT60001 TRIPPLITE-0DT60001 Datasheet
506Kb / 2P
   USB VGA over Cat5 UTP KVM Console Extender Kit - 500-ft
0DT23010 TRIPPLITE-0DT23010 Datasheet
490Kb / 2P
   Mini USB VGA over Cat5 UTP KVM Console Extender Kit - 230-ft
logo
List of Unclassifed Man...
AU9226 ETC2-AU9226 Datasheet
568Kb / 22P
   USB KVM Controller
AU9228 ETC2-AU9228 Datasheet
592Kb / 23P
   USB KVM Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com