Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POW-5510 Datasheet(PDF) 1 Page - Level One

Part # POW-5510
Description  85W 55VDC Industrial Power Supply, DIN-rail -10 to 60C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POW-5510 Datasheet(HTML) 1 Page - Level One

  POW-5510 Datasheet HTML 1Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85W 55VDC Industrial Power Supply, DIN-rail -10 to 60C
Features
- Short Circuit, Overload / Over Voltage Protection
- Fanless Design
- DIN rail installation
- Isolation Class II
- 100% Full Load Burn-in Test
POW-5510
Diagrams
Unit: mm
The POW-5510 is a DIN-rail industrial power supply is ruggedized, universal input voltage range and full compliance with all important safety and
EMC standards. It can be operated at full load across an ambient temperature range of -10 to 60 Celsius degree without need of additional cooling to
guarantee quality for harsh industrial environment.
Specications
Output DC
55V
1.55A
85W
12-36VDC
114 years
Output Current
Output Power
Input Voltage
MTBF
50 x 148 x 165mm @ 1.2kg
-10 to 60 Celsius
0 to 95% RH Non-condensing
Dimension & Weight
Operation Temperature
Operation Humidity
Safety Approval
www.level1.com
one world_one brand_one level_
IEC60068, EN60950-1, UL60950-1, EN55011,
EN55022 (CISPR22) Class B, EN61000-3-2,
EN61000-3-3, EN61000-4-2/3/4/5/6/8/11,
EN61000-6-2, EN61204, EN55024
Order Information
POW-5510
- 85W55VDCIndustrialPowerSupply,DIN-rail-10to60C
Package Contents
POW-5510
- 12-36VDC Input, 55VDC Output, DC to DC


Similar Part No. - POW-5510

ManufacturerPart #DatasheetDescription
logo
Level One
POW-1212 LVL1-POW-1212 Datasheet
208Kb / 1P
   36W 12VDC Industrial Power Adapter, Open -40 to 75C
logo
PUI audio inc.
POW-1644L-B-LW100-R PUIAUDIO-POW-1644L-B-LW100-R Datasheet
257Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
POW-1644L-B-R PUI-POW-1644L-B-R Datasheet
168Kb / 1P
   RELEASED FROM ENGINEERING
logo
PUI audio inc.
POW-1644L-B-R PUIAUDIO-POW-1644L-B-R Datasheet
340Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
POW-1644L-LWC50-B-R PUI-POW-1644L-LWC50-B-R Datasheet
189Kb / 1P
   Microphone
More results

Similar Description - POW-5510

ManufacturerPart #DatasheetDescription
logo
Level One
POW-4830 LVL1-POW-4830 Datasheet
241Kb / 1P
   85W 48VDC Industrial Power Supply, PoE Ready DIN-rail -10 to 60C
POW-2440 LVL1-POW-2440 Datasheet
311Kb / 1P
   120W 24VDC Industrial Power Supply, DIN-rail -10 to 60C
POW-2430 LVL1-POW-2430 Datasheet
214Kb / 1P
   75W 24VDC Industrial Power Supply, DIN-rail -10 to 60C
POW-4810 LVL1-POW-4810 Datasheet
316Kb / 1P
   40W 48VDC Industrial Power Supply, PoE Ready DIN-rail -10 to 60C
POW-4820 LVL1-POW-4820 Datasheet
312Kb / 1P
   75W 48VDC Industrial Power Supply, PoE Ready DIN-rail -10 to 60C
POW-2420 LVL1-POW-2420 Datasheet
214Kb / 1P
   60W 24VDC Industrial Power Supply, DIN-rail -20 to 60C
POW-4860 LVL1-POW-4860 Datasheet
328Kb / 1P
   480W 48VDC Industrial Power Supply, PoE Ready DIN-rail -10 to 60C
POW-2410 LVL1-POW-2410 Datasheet
213Kb / 1P
   30W 24VDC Industrial Power Supply, DIN-rail -20 to 60C
logo
Applied Motion Products...
PS150D24 AMP-PS150D24 Datasheet
844Kb / 4P
   DIN Rail Power Supply ??Industrial ??150W
PS480D48 AMP-PS480D48 Datasheet
851Kb / 4P
   DIN Rail Power Supply ??Industrial ??480W
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com