Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WAN-2218 Datasheet(PDF) 2 Page - Level One

Part # WAN-2218
Description  18dBi Directional Yagi Outdoor Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

WAN-2218 Datasheet(HTML) 2 Page - Level One

  WAN-2218 Datasheet HTML 1Page - Level One WAN-2218 Datasheet HTML 2Page - Level One WAN-2218 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Wireless
www.level1.com
I one world_one brand_one level_
Electrical Specification
Frequency Band
.4GHz-.5GHz
Gain
18dBi
VSWR
1.5:1 Max
Polarization
Linear, Vertical
HPBW/V
15°
HPBW/H
15°
Front to back ratio
5dB
Power Handling
10W(cw)
Impedance
50Ω
Connector
N Female
Environmental & Mechanical Characteristics
Survival Wind speed
180 km/hr
Temperature
-40 °C to +80 °C
Humidity
95%@ 55 °C
Lightning protection
DC ground
Mechanical
+10~ -15
Radome Material
ABS, UV resistant
Weight
0.9 kg
Dimensions
89 x 50 x 1000mm
Technical Specification
Product Diagram
WAN-2218
Outdoor AP
Outdoor AP
WAN-2218
Radiation Pattern
H-Plane Co-polarization Pattern
V-Plane Co-polarization Pattern


Similar Part No. - WAN-2218

ManufacturerPart #DatasheetDescription
logo
Level One
WAN-2140 LVL1-WAN-2140 Datasheet
817Kb / 3P
   14dBi Directional
WAN-2181 LVL1-WAN-2181 Datasheet
714Kb / 3P
   18dBi Directional Panel
WAN-2185 LVL1-WAN-2185 Datasheet
221Kb / 3P
   8.5 dBi Indoor/Outdoor Antenna
More results

Similar Description - WAN-2218

ManufacturerPart #DatasheetDescription
logo
Level One
WAN-9180 LVL1-WAN-9180 Datasheet
279Kb / 3P
   5GHz 18dBi Directional Dual- Polarization Outdoor Panel Antenna
logo
Laird Tech Smart Techno...
YS4066 LSTD-YS4066 Datasheet
627Kb / 1P
   Directional Yagi Antenna
logo
World Produts Inc.
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
   900 MHz Directional Yagi Antenna
logo
Level One
WAN-2181 LVL1-WAN-2181 Datasheet
714Kb / 3P
   18dBi Directional Panel
logo
Laird Tech Smart Techno...
YF88008 LSTD-YF88008 Datasheet
749Kb / 2P
   DIRECTIONAL YAGI ANTENNAS
YS2203 LSTD-YS2203 Datasheet
494Kb / 1P
   DIRECTIONAL YAGI ANTENNAS
Y89612 LSTD-Y89612 Datasheet
1Mb / 1P
   DIRECTIONAL YAGI ANTENNAS
Y8063 LSTD-Y8063 Datasheet
969Kb / 1P
   DIRECTIONAL YAGI ANTENNAS
Y8966 LSTD-Y8966 Datasheet
575Kb / 1P
   DIRECTIONAL YAGI ANTENNAS
Y4506 LSTD-Y4506 Datasheet
896Kb / 1P
   DIRECTIONAL YAGI ANTENNAS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com