Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3580 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3580
Description  Single Output Digital Multi-Phase Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3580 Datasheet(HTML) 1 Page - International Rectifier

  IR3580_15 Datasheet HTML 1Page - International Rectifier IR3580_15 Datasheet HTML 2Page - International Rectifier IR3580_15 Datasheet HTML 3Page - International Rectifier IR3580_15 Datasheet HTML 4Page - International Rectifier IR3580_15 Datasheet HTML 5Page - International Rectifier IR3580_15 Datasheet HTML 6Page - International Rectifier IR3580_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
  
 
 
  
Single Output Digital Multi-Phase Controller
IR3580
www.irf.com | © 2014 International Rectifier
September 17, 2014 | V2.3
1
FEATURES
 Ultra Low Quiescent Power 8-phase single output
PWM Controller
 Intel® VR12 and VR12.5, & Memory VR modes
 Overclocking & Gaming Modes
 PVI GPU VR mode
 Switching frequency from 194KHz to 2MHz per
phase in 56 steps
 IR Efficiency Shaping Features including Variable
Gate Drive, Dynamic Phase Control and
Automatic Power State Switching
 Programmable 1-phase or 2-phase operation for
Light Loads and Active Diode Emulation for Very
Light Loads
 IR Adaptive Transient Algorithm (ATA) minimizes
output bulk capacitors and system cost
 Auto-Phase Detection with PID Coefficient auto-
scaling
 Fault Protection: OVP, UVP, OCP, OTP, CAT FLT
 I2C/SMBus/PMBus system interface for reporting
of Temperature, Voltage, Current & Power
telemetry for both loops
 Multiple Time Programming (MTP) with integrated
charge pump for easy non-volatile programming
 Compatible with 3.3V tri-state drivers and IR ATL
mode drivers
 +3.3V supply voltage; -40oC to 85oC ambient
operation
 Pb-Free, RoHS, 6x6mm 48-pin, 0.4mm pitch QFN
APPLICATIONS
 Intel® VR12 and VR12.5 based systems
 Overclocked & Gaming platforms
DESCRIPTION
The IR3580 is a single-loop digital multi-phase buck
controller that controls up to 8 phases. The IR3580
is fully compliant with Intel
® VR12 and compliant with
VR12.5 Rev 1.3 PWM specifications.
The IR3580 includes IR’s Efficiency Shaping
Technology to deliver exceptional efficiency at
minimum cost across the entire load range. IR
Variable Gate Drive optimizes the MOSFET gate
drive voltage based on real-time load current. IR’s
Dynamic Phase Control adds/drops phases based
upon load current. The IR3580 can be configured to
enter 1 or 2-phase operation and active diode
emulation mode automatically or by command.
IR’s unique Adaptive Transient Algorithm (ATA),
based on proprietary non-linear digital PWM
algorithms, minimizes output bulk capacitors.
IR3580 has 127 possible address values for both the
PMBus and I2C bus interfaces. The device
configuration can be easily defined using the IR
Digital Power Design Center (DPDC) GUI, and is
stored in the on-chip Non-Volatile Memory (NVM).
This reduces external components and minimizes
the package size.
The IR3580 provides extensive OVP, UVP, OCP,
OTP and CAT FLT fault protection and includes
thermistor based temperature sensing or per phase
temperature reporting when using the IR
powIRstage. The controller is designed to work with
either Rdson current sense PowIRstages or with
DCR current sense.
The IR3580 also includes numerous VR design
simplifying and differentiating features, like register
diagnostics, which enable fast time-to-market.
ORDERING INFORMATION
Base Part
Number
Package Type
Standard Pack
Orderable
Part Number
Form
Quantity
IR3580
48-pin QFN 6 mm x 6 mm
Tape and Reel
3000
IR3580MxxyyTRP
1
IR3580
48-pin QFN 6 mm x 6 mm
Tape and Reel
3000
IR3580MTRPBF
IR3580
48-pin QFN 6 mm x 6 mm
Tray
4900
IR3580MTYPBF
Notes:
1.
Customer Specific Configuration File, where xx = Customer ID and yy = Configuration File (Codes assigned by IR Marketing).


Similar Part No. - IR3580_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3581 IRF-IR3581 Datasheet
246Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3584 IRF-IR3584 Datasheet
235Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3584 IRF-IR3584_15 Datasheet
235Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3588 IRF-IR3588 Datasheet
269Kb / 2P
   Ultra Portable Digital Multi?륯hase Mobile Controller
More results

Similar Description - IR3580_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3563A IRF-IR3563A Datasheet
417Kb / 4P
   Single Output Digital Multi-Phase Controller
IR3563A IRF-IR3563A_15 Datasheet
408Kb / 4P
   Single Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
   Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
   Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
logo
International Rectifier
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
   Dual Output Digital Multi-Phase Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com