Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3742 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3742
Description  20A Integrated PowIRstage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3742 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3742 Datasheet HTML 7Page - International Rectifier IR3742 Datasheet HTML 8Page - International Rectifier IR3742 Datasheet HTML 9Page - International Rectifier IR3742 Datasheet HTML 10Page - International Rectifier IR3742 Datasheet HTML 11Page - International Rectifier IR3742 Datasheet HTML 12Page - International Rectifier IR3742 Datasheet HTML 13Page - International Rectifier IR3742 Datasheet HTML 14Page - International Rectifier IR3742 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
IR3742
11
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
March 12, 2014
TYPICAL OPERATING CHARACTERISTICS (-40°C TO +125°C)
Test Conditions: PVin=Vin=12V, VCC=6.8V, Vout = 1.2V, L=470nH, Switching Frequency = 300kHz, TA=25°C
and natural convention cooling unless otherwise noted.
Figure 17: EN Threshold vs. Temperature
Figure 18: Boot Diode Forward Voltage vs.
Temperature
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
-40 -20 0
20 40 60 80 100 120 140
Temperature [ºC]
VEN_UVLO_START
VEN_UVLO_STOP
0.0
0.1
0.2
0.3
0.4
0.5
0.6
-40 -20
0
20 40 60 80 100 120 140
Temperature [ºC]


Similar Part No. - IR3742

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR3702 SHARP-IR3702 Datasheet
165Kb / 3P
   General Purpose Quad Operational Amplifier
IR3702N SHARP-IR3702N Datasheet
165Kb / 3P
   General Purpose Quad Operational Amplifier
logo
International Rectifier
IR3710MTRPBF IRF-IR3710MTRPBF Datasheet
2Mb / 20P
   WIDE INPUT AND OUTPUT, SYNCHRONOUS BUCK REGULATOR
IR3710MTRPBF IRF-IR3710MTRPBF Datasheet
2Mb / 20P
   WIDE INPUT AND OUTPUT, SYNCHRONOUS BUCK REGULATOR
IR3710MTRPBF IRF-IR3710MTRPBF_10 Datasheet
2Mb / 20P
   WIDE INPUT AND OUTPUT, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3742

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
   45A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
   50A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
IR3556 IRF-IR3556_15 Datasheet
81Kb / 1P
   50A Integrated PowIRstage
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
   40A Integrated PowIRstage
IR3552 IRF-IR3552_15 Datasheet
1Mb / 23P
   40A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com