Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABCU-5740ARZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABCU-5740ARZ
Description  Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABCU-5740ARZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ABCU-5740ARZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740ARZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740ARZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740ARZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740ARZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740ARZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740ARZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740ARZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740ARZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
Transmitter and Receiver Electrical Characteristics
(TC = -5 °C to +70 °C, VCCT,R = 3.3 V ± 5%) (Tc = -40 °C to +85°C, VccT,R = 3.3 V +/- 5%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Data Input:
Transmitter Differential
Input Voltage (TD +/-)
VI
500
2400
mV
Note 1
Data Output:
Receiver Differential
Output Voltage (RD +/-)
VO
370
735
2000
mV
Note 2
Receive Data Rise & Fall Times
(Receiver)
Trf
100
250
ps
Note 3
Transceiver Timing Characteristics
(TC = -5 °C to +70 °C, VCCT,R = 3.3 V ± 5%) (Tc = -40 °C to +85°C, VccT,R = 3.3 V +/- 5%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Tx Disable Assert Time
t_off
NA
Note 4
Tx Disable Negate Time
t_on
NA
Note 4
Module Reset Assert Time
t_off_rst
10
ms
Note 5
Module Reset Negate Time
t_on_rst
300
ms
Note 6
Time to initialize
t_init
300
ms
Tx Fault Assert Time
t_fault
NA
Note 7
Tx Disable to Reset
t_reset
NA
Note 7
LOS Assert Time
t_loss_on
NA
Note 7
LOS De-assert Time
t_loss_off
NA
Note 7
Rate Select Change Time
t_ratesel
NA
Note 7
Serial ID Clock Rate
F_serial_clock
100
kHz
Notes:
1. Internally ac coupled and terminated (100 Ohm differential). These levels are compatible with CML and LVPECL voltage swings.
2. Internally ac coupled with an external 100 ohm differential load termination.
3. 20%-80% rise and fall times measured with a 500 MHz signal utilizing a 1010 pattern.
4. Tx Disable function as described in the SFP MSA is not used in the 1000BASE-T module.
5. Time from rising edge of Tx Disable until link comes down.
6. Time from falling edge of Tx Disable until auto-negotiation starts.
7. Not used in the 1000BASE-T module


Similar Part No. - ABCU-5740ARZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
ABCU-5740ARZ-C ATGBICS-ABCU-5740ARZ-C Datasheet
193Kb / 7P
   ABCU-5740ARZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
More results

Similar Description - ABCU-5740ARZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABCU-5710RZ AVAGO-ABCU-5710RZ Datasheet
485Kb / 27P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
   3.3 V USB transceiver
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com