Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-54D7APZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-54D7APZ
Description  Fibre Channel RoHS Compliant Optical Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-54D7APZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-54D7APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-54D7APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-54D7APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-54D7APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-54D7APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-54D7APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-54D7APZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-54D7APZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFBR-54D7APZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Table 8. Receiver Optical Characteristics
(TC = -10°C to 85°C, VccT, VccR = 3.3V ±10%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Input Optical Power [Overdrive]
PIN
0
dBm, avg
Input Optical Modulation Amplitude
OMA
76
PW, OMA
Notes 1
(Peak-to-Peak) 8.5 Gb/s [Sensitivity]
Input Optical Modulation Amplitude
OMA
61
PW, OMA
Notes 1, 2
(Peak-to-Peak) 4.25 Gb/s [Sensitivity]
Input Optical Modulation Amplitude
OMA
49
PW, OMA
Notes 1, 3
(Peak-to-Peak) 2.125 Gb/s [Sensitivity]
Stressed Receiver Sensitivity
148
PW, OMA
50/125um OM3 fiber, Note 4
(OMA) 8.5 Gb/s
151
PW, OMA
50/125 μm OM2 fiber, Note 4
155
PW, OMA
62.5/125 μm fiber, Note 4
Stressed Receiver Sensitivity
126
PW, OMA
50/125um OM3 fiber, Note 5
(OMA) 4.25 Gb/s
138
PW, OMA
50/125 μm OM2 fiber, Note 5
148
PW, OMA
62.5/125 μm fiber, Note 5
Stressed Receiver Sensitivity
83
PW, OMA
50/125um OM3 fiber, Note 6
(OMA) 2.125 Gb/s
96
PW, OMA
50/125 μm OM2 fiber, Note 6
109
PW, OMA
62.5/125 μm fiber, Note 6
Return Loss
12
dB
Loss of Signal – Assert
PA
-30
dBm, avg
Note 7
Loss of Signal - De-Assert
PD
-13.9
dBm, avg
Note 7
Loss of Signal Hysteresis
PD - PA
0.5
dB
Notes:
1. Input Optical Modulation Amplitude (commonly known as sensitivity) requires a valid 8B/10B encoded input.
2. An OMA of 61
PW is approximately equal to an average power of –14 dBm, avg with an Extinction Ratio of 9 dB.
3. An OMA of 49
PW is approximately equal to an average power of –15 dBm, avg with an Extinction Ratio of 9 dB.
4. 8.5 Gb/s stressed receiver vertical eye closure penalty (ISI) min. is 3.45 dB for 50
Pm fiber and 3.52 dB for 62.5 Pm fiber.
5. 4.25 Gb/s stressed receiver vertical eye closure penalty (ISI) min. is 1.67 dB for 50
Pm fiber and 2.14 dB for 62.5 Pm fiber.
6. 2.125 Gb/s stressed receiver vertical eye closure penalty (ISI) min. is 1.26 dB for 50
Pm fiber and 2.03 dB for 62.5 Pm fiber.
7. These average power values are specified with an Extinction Ratio of 6 dB. The loss of signal circuitry responds to valid 8B/10B encoded peak to
peak input optical power, not average power.


Similar Part No. - AFBR-54D7APZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-54D7APZ-BR1-C ATGBICS-AFBR-54D7APZ-BR1-C Datasheet
375Kb / 11P
   AFBR-54D7APZ-BR1 Avago Broadcom Compatible Transceiver SFP 8.5/4.25/2.125GBase-FC (850nm, MMF, 300m, Ext Temp, DOM)
AFBR-54D7APZ-C ATGBICS-AFBR-54D7APZ-C Datasheet
375Kb / 11P
   AFBR-54D7APZ Avago Broadcom Compatible Transceiver SFP 8.5/4.25/2.125GBase-FC (850nm, MMF, 300m, Ext Temp, DOM)
AFBR-54D7APZ-QL-C ATGBICS-AFBR-54D7APZ-QL-C Datasheet
376Kb / 11P
   AFBR-54D7APZ-QL Avago Broadcom Compatible Transceiver SFP 8.5/4.25/2.125GBase-FC (850nm, MMF, 300m, Ext Temp, DOM)
More results

Similar Description - AFBR-54D7APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-59R5LZ AVAGO-AFBR-59R5LZ_15 Datasheet
590Kb / 19P
   RoHS-Compliant Optical Transceiver
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ Datasheet
380Kb / 18P
   Digital Diagnostic SFP, 10km, 1310nm DFB, 8.5/4.25/2.125 GBd Fibre Channel RoHS Compliant Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com