Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3040EWE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3040EWE
Description  짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3040EWE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3040EWE Datasheet HTML 7Page - Maxim Integrated Products MAX3040EWE Datasheet HTML 8Page - Maxim Integrated Products MAX3040EWE Datasheet HTML 9Page - Maxim Integrated Products MAX3040EWE Datasheet HTML 10Page - Maxim Integrated Products MAX3040EWE Datasheet HTML 11Page - Maxim Integrated Products MAX3040EWE Datasheet HTML 12Page - Maxim Integrated Products MAX3040EWE Datasheet HTML 13Page - Maxim Integrated Products MAX3040EWE Datasheet HTML 14Page - Maxim Integrated Products MAX3040EWE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
±10kV ESD-Protected, Quad 5V RS-485/RS-422
Transmitters
______________________________________________________________________________________
11
VCC
2V/div
Y-Z
(20mV/div)
238mV
Y
200mV/div
Z
200mV/div
Figure 11. Differential Power-Up Glitch (0.1V/µs)
VCC
2V/div
Y-Z
(5mV/div)
238mV
Y
50mV/div
Z
50mV/div
1
µs/div
Figure 12. Differential Power-Up Glitch (1V/µs)
TIN
(VCC OR GND)
VCC
5V
1k
1k
0.1k
50pF
Y
Z
Figure 10. Differential Power-Up Glitch (Hot Swap)
OUTPUTS
INPUT
EN_
Y_
Z_
HH
H
L
LH
L
H
X
L
High-Z
High-Z
H = Logic High
X = Don’t Care
L = Logic Low
High-Z = High Impedance
Table 2. Function Table for MAX3040/
MAX3041/MAX3042B
(Each Pair of Transmitters)
OUTPUTS
INPUT
EN
EN
YZ
HH
X
H
L
LH
X
L
H
HX
L
H
L
LX
L
L
H
X
L
H
High-Z
High-Z
H = Logic High
X = Don’t Care
L = Logic Low
High-Z = High Impedance
Table 3. Function Table for MAX3043/
MAX3044/MAX3045B
(All Transmitters)


Similar Part No. - MAX3040EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000 MAXIM-MAX3000 Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 86P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection)
Rev 1, 9/17
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV++ MAXIM-MAX30001CWV+ Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+T MAXIM-MAX30001CWV+T Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
More results

Similar Description - MAX3040EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com