Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABCU-5740AGZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABCU-5740AGZ
Description  Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABCU-5740AGZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ABCU-5740AGZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Storage Temperature
TS
-40
+85
°C
Note 1
Case Temperature
TC
-40
+85
°C
Note 1 ,2
Relative Humidity
RH
5
95
%
Note 1
Module Supply Voltage
VCCT,R
-0.5
3.6
V
Note 1, 2
Data/Control Input Voltage
VI
-0.5
VCC
V
Note 1
Sense Output Current - MOD-DEF2
5.0
mA
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Case Temperature
TC
-5
-40
70
85
°C
°C
Note 3
Module Supply Voltage
VCCT,R
3.135
3.3
3.465
V
Note 3
Data Rate
1.25
Gb/s
Note 3
Transceiver Electrical Characteristics
(TC = -5 °C to +70 °C, VCCT,R = 3.3 V ± 5%) (Tc = -40 °C to +85°C, VccT,R = 3.3 V +/- 5%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
AC Electrical Characteristics
Power Supply Noise Rejection
(peak-peak)
PSNR
100
mV
Note 4
DC Electrical Characteristics
Module supply current
(TC = -5 °C to +70 °C, VCCT,R = 3.3 V ± 5%)
(Tc = -40 °C to +85°C, VccT,R = 3.3 V +/- 5%)
ICC
350
370
mA
Power Dissipation
(TC = -5 °C to +70 °C, VCCT,R = 3.3 V ± 5%)
(Tc = -40 °C to +85°C, VccT,R = 3.3 V +/- 5%)
PDISS
1100
1150
mW
Sense Outputs:
MOD-DEF2
RX_LOS
VOH
2.0
VCCT, R+ 0.3 V
Note 5
VOL
0
0.4
Control Inputs:
Transmitter Disable(TX_DISABLE),
MOD-DEF1, 2
VIH
2.0
VCC
V
Note 5
VIL
0
0.8
V
Notes:
1. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short
period of time. See Reliability Data Sheet for specific reliability performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability
is not implied, and damage to the device may occur over an extended period of time.
3. Operating conditions will vary, depending on model. Recommended Operating Conditions are those values outside of which functional perfor-
mance is not intended, device reliability is not implied, and damage to the device may occur over an extended period of time. See Reliability
Data Sheet for specific reliability performance later when it is ready.
4. MSA-specified filter is required on the host board to achieve PSNR performance over the frequency range 10 Hz to 2 MHz.
5. LVTTL, external 4.7-10 K
W pull-Up resistor required for MOD-DEF 1 and MOD-DEF 2.


Similar Part No. - ABCU-5740AGZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
ABCU-5740AGZ-C ATGBICS-ABCU-5740AGZ-C Datasheet
182Kb / 7P
   ABCU-5740AGZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
More results

Similar Description - ABCU-5740AGZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABCU-5710RZ AVAGO-ABCU-5710RZ Datasheet
485Kb / 27P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
   3.3 V USB transceiver
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com