Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-57R5APZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57R5APZ
Description  Low Voltage (3.3V) Fibre Channel Optical Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-57R5APZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-57R5APZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
• Compliant to RoHS directives
• 850nm Vertical Cavity Surface Emitting Laser (VCSEL)
• Class 1 eye safe per IEC60825-1 and CDRH
• Wide temperature range (0°C to 70°C)
• LC duplex connector optical interface conforming to
ANSI TIA/EIA604-10 (FOCIS 10A)
• Diagnostic features per SFF-8472“Diagnostic Monitor-
ing Interface for Optical Transceivers”
• Enhanced operational features including EWRAP,
OWRAP and variable electrical EQ/emphasis settings
• Real time monitoring of:
- Transmitter average optical power
- Received average optical power
- Laser bias current
- Temperature
- Supply Voltage
• SFP+ mechanical specifications per SFF-8432
• SFP+ compliant low speed interface
• Fibre Channel FC-PI-5 compliant high speed interface
- 1600-SN-M6-S, 800-SN-M6-S, 400-SN-M6-I
- 1600-SN-M5-S, 800-SN-M5-S, 400-SN-M5-I
- 1600-SN-M5E-I, 800-SN-M5E-I, 400-SN-M5E-I
- 1600-SN-M5F-I, 800-SN-M5F-I, 400-SN-M5F-I
• Fibre Channel FC-PI-5 compliant optical link distances
Applications
• Fibre Channel switches (director, stand alone, blade)
• Fibre Channel Host Bus Adapters
• Fibre Channel RAID controllers
• Fibre Channel tape drive
• Port side connections
• Inter-switch or inter-chassis aggregated links
Description
Avago Technologies’AFBR-57F5PZ optical transceiver sup-
ports high speed serial links over multi-mode optical fiber
at signalling rates up to 14.025Gb/s (the serial line rate of
16GFC). The product is compliant with Small Form Plug-
gable industry agreements SFP and SFP+ for mechanical
and low speed electrical specifications. High speed elec-
trical and optical specifications are compliant with ANSI
Fibre Channel FC-PI-5.
The AFBR-57F5PZ is a multi-rate 850nm transceiver which
ensures compliance with FC-PI-5 16GFC, 8GFC and 4GFC
specifications. Per the requirements of 16GFC, internal
clock and data recovery circuits (CDRs) are present on
both electrical input and electrical output of this trans-
ceiver. These CDRs will lock at 14.025Gb/s (16GFC) but
must be bypassed for operation at 8.5Gb/s (8GFC) and
4.25Gb/s (4GFC), accomplished by using two Rate Select
inputs to configure transmit and receive sides. Transmitter
and receiver can operate at different data rates, as is often
seen during Fibre Channel speed negotiation.
Digital diagnostic monitoring information (DMI) is pres-
ent in the AFBR-57F5PZ per the requirements of SFF-8472,
providing real time monitoring information of transceiver
laser, receiver and environment conditions over a SFF-
8431 2-wire serial interface.
AFBR-57F5PZ
16GFC SFP+ Digital Diagnostic SFP, 850nm, 16G/8G/4G
Low Voltage (3.3V) Fibre Channel Optical Transceiver
Data Sheet
Related Products
• AFBR-57D7APZ: 850nm SFP for 8G/4G/2G Fibre Channel
• AFCT-57D5ATPZ: 1310nm SFP for 8G/4G/2G Fibre Channel
• AFCT-57D5ANPZ: 1310nm SFP for 8G/4G/2G Fibre Channel
• AFBR-57R5APZ: 850nm SFP for 4G/2G/1G Fibre Channel
• AFCT-57R5APZ: 1310nm SFP for 4G/2G/1G Fibre Channel
• AFCT-57R5ATPZ: 1310nm SFP for 4G/2G/1G Fibre Channel
• AFCT-57R5ANPZ: 1310nm SFP for 4G/2G/1G Fibre Channel
Patent - www.avagotech.com/patents


Similar Part No. - AFCT-57R5APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57R5APZ AVAGO-AFCT-57R5APZ Datasheet
669Kb / 22P
   16GFC SFP Digital Diagnostic SFP, 850 nm, 16G/8G/4G Low Voltage (3.3 V) Fibre Channel Optical Transceiver
logo
Broadcom Corporation.
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
More results

Similar Description - AFCT-57R5APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57F5AMZ AVAGO-AFBR-57F5AMZ Datasheet
299Kb / 22P
   Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com