Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-57R6APZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-57R6APZ
Description  RoHS Compliant Optical Transceiver with Rate Select
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-57R6APZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-57R6APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R6APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R6APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R6APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R6APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R6APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R6APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R6APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R6APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Storage Temperature
TS
-40
100
C
Note 1, 2
Case Operating Temperature
TC
-40
100
C
Note 1, 2
Relative Humidity
RH
5
95
%
Note 1
Supply Voltage
VccT, R
-0.5
3.8
V
Note 1, 2, 3
Low Speed Input Voltage
VIN
-0.5
Vcc+0.5
V
Note 1
Notes;
1. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short
period of time. See Reliability Data Sheet for specific reliability performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability
is not implied, and damage to the device may occur over an extended period of time.
3. The module supply voltages, VCCT and VCCR must not differ by more than 0.5 V or damage to the device may occur.
Table 4. Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Case Operating Temperature
TC
-10
85
°C
Note 1, 2
Supply Voltage
VccT, R
2.97
3.63
V
Note 2
Data Rate
1.0625
4.25
Gb/s
Note 2
Notes:
1. The Ambient Operating Temperature limitations are based on the Case Operating Temperature limitations and are subject to the host system
thermal design.
2. Recommended Operating Conditions are those values for which functional performance and device reliability is implied.
Table 5. Transceiver Electrical Characteristics
(TC= -10°C to 85°C, VccT, VccR = 3.3V ±10%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
AC Electrical Characteristics
Power Supply Noise Rejection (peak-peak)
PSNR
100
mV
Note 1
DC Electrical Characteristics
Module Supply Current
ICC
210
mA
Power Dissipation
PDISS
765
mW
Low Speed Outputs:
VOH
2.0
VccT,R+0.3
V
Note 2
Transmit Fault (TX_FAULT), Loss of Signal
VOL
0.8
V
(RX_LOS), MOD-DEF 2
Low Speed Inputs:
VIH
2.0
Vcc
V
Note 3
Transmit Disable (TX_DIS), MOD-DEF 1,
VIL
0
0.8
V
MOD-DEF2, Rate Select (RATE_SELECT)
Notes:
1. Filter per SFP specification is required on host board to remove 10 Hz to 2 MHz content.
2. Pulled up externally with a 4.7 k – 10 kΩ resistor on the host board to 3.3 V.
3. Mod-Def1, Mod-Def2 and RATE_SELECT must be pulled up externally with a 4.7 k – 10 kΩ resistor on the host board to 3.3V.


Similar Part No. - AFBR-57R6APZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-57R6APZ-C ATGBICS-AFBR-57R6APZ-C Datasheet
374Kb / 10P
   AFBR-57R6APZ Avago Broadcom Compatible Transceiver SFP 4.25/2.125/1.0625/1.25GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
More results

Similar Description - AFBR-57R6APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R6AEZ AVAGO-AFBR-57R6AEZ Datasheet
293Kb / 19P
   RoHS Compliant Optical Transceiver with Rate Select
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-59R5LZ AVAGO-AFBR-59R5LZ_15 Datasheet
590Kb / 19P
   RoHS-Compliant Optical Transceiver
logo
Finisar Corporation.
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1612M3BTL FINISAR-FTLX1612M3BTL Datasheet
267Kb / 12P
   RoHS-6 Compliant I-Temp 40km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com